Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL88550AIRZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL88550AIRZ
Description  Synchronous Step-Down Controller with Sourcing and Sinking LDO Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88550AIRZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL88550AIRZ Datasheet HTML 1Page - Intersil Corporation ISL88550AIRZ Datasheet HTML 2Page - Intersil Corporation ISL88550AIRZ Datasheet HTML 3Page - Intersil Corporation ISL88550AIRZ Datasheet HTML 4Page - Intersil Corporation ISL88550AIRZ Datasheet HTML 5Page - Intersil Corporation ISL88550AIRZ Datasheet HTML 6Page - Intersil Corporation ISL88550AIRZ Datasheet HTML 7Page - Intersil Corporation ISL88550AIRZ Datasheet HTML 8Page - Intersil Corporation ISL88550AIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
FN6168.0
October 12, 2005
Absolute Maximum Ratings
Thermal Information
VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +25V
VDD, AVDD, VTTI to GND. . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
SHDNA#, REFIN to GND. . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
SS, POK1, POK2, SKIP#, ILIM, FB to GND . . . . . . . . . . -0.3V to 6V
STBY#, TON, REF, UVP/OVP to GND. . . . . . . .-0.3V to AVDD+0.3V
OUT, VTTR to GND . . . . . . . . . . . . . . . . . . . . . .-0.3V to AVDD+0.3V
LGATE to PGND1 . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD+0.3V
UGATE to PHASE . . . . . . . . . . . . . . . . . . . . -0.3V to VBOOT +0.3V
BOOT to PHASE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
PHASE to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2V to +33V
VTT to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VTTI+0.3V
VTTS to GND. . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to AVDD+0.3V
PGND1, PGND2 to GND . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +0.3V
REF Short Circuit to GND. . . . . . . . . . . . . . . . . . . . . . . . .Continuous
Thermal Resistance
θJA (°C/W) θJC (°C/W)
TQFN Package (Notes 1, 2). . . . . . . . .
31
1.5
Operating Conditions
Junction Temperature Range. . . . . . . . . . . . . . . . . .-55°C to +150°C
Operating Temperature Range . . . . . . . . . . . . . . . . .-40°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . -65°C + 150°C
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . +300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θJC, the "case temp" location is the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
VIN = +15V, VDD = AVDD = SHDNA# = STBY# = BOOT = ILIM = 5V, OUT = REFIN = VTTI = 2.5V,
FB = SKIP# = OVP/UVP = GND. PGND1 = PGND2 = PHASE = GND, VTTS = VTT, TON = OPEN, TA = -40°C
to +85°C, unless otherwise noted. Typical values are at TA = +25°C (Note 3)
Note: Following are target specifications. Final limits may change as a result of characterization.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
MAIN PWM CONTROLLER
VIN Input Voltage Range
225
V
VDD, AVDD Input Voltage Range
4.5
5.5
V
Output Adjust Range
0.7
3.5
V
Output Voltage Accuracy (Note 4)
FB = OUT
0.693
0.7
0.707
V
FB = GND
2.470
2.5
2.53
V
FB = VDD
1.78
1.8
1.82
V
Soft-Start Ramp Time
Rising edge of SHDNA# to full current limit
1.7
ms
ON-Time
VIN = 15V,
VOUT =
1.5V
(Note 5)
TON = GND (600kHz)
170
194
219
ns
TON = REF (450kHz)
213
243
273
ns
TON = OPEN (300kHz)
316
352
389
ns
TON = AVDD (200kHz)
461
516
571
ns
Minimum, OFF-Time
(Note 5)
200
300
450
ns
VIN Quiescent Supply Current
25
40
µA
VIN Shutdown Supply Current
SHDNA# = STBY# = GND
1
5
µA
Combined AVDD and VDD Quiescent Supply
Current
All on (PWM, VTT, & VTTR on), VFB = 0.75V
2.5
5
mA
STBY# = GND (only VTTR & PWM on), VFB = 0.75V
1
2
mA
Combined AVDD and VDD Shutdown Supply
Current
SHDNA# = STBY# = GND
2
10
µA
AVDD Undervoltage Lockout Threshold
Rising edge of AVDD
4.1
4.25
4.4
V
Hysteresis
50
mV
REFERENCE
Reference Voltage
AVDD = 4.5V to 5.5V; IREF = 0 to 130µA
1.98
2
2.02
V
ISL88550A


Similar Part No. - ISL88550AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88550AIRZ RENESAS-ISL88550AIRZ Datasheet
1Mb / 25P
   Synchronous Step-Down Controller with Sourcing and Sinking LDO Regulator
ISL88550AIRZ-T RENESAS-ISL88550AIRZ-T Datasheet
1Mb / 25P
   Synchronous Step-Down Controller with Sourcing and Sinking LDO Regulator
More results

Similar Description - ISL88550AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88550A RENESAS-ISL88550A Datasheet
1Mb / 25P
   Synchronous Step-Down Controller with Sourcing and Sinking LDO Regulator
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A_08 Datasheet
2Mb / 47P
   Dual synchronous step-down controller with adjustable LDO
logo
Maxim Integrated Produc...
MAX1917 MAXIM-MAX1917 Datasheet
336Kb / 18P
   Tracking, Sinking and Sourcing, Synchronous Buck Controller for DDR Memory and Termination Supplies
Rev 1; 6/02
logo
Richtek Technology Corp...
DS6550A RICHTEK-DS6550A Datasheet
239Kb / 16P
   Synchronous DC-DC Step-Down Controller with 5V LDO
logo
Linear Technology
LTC3851-1 LINER-LTC3851-1_15 Datasheet
362Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851 LINER-LTC3851 Datasheet
320Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851A-1 LINER-LTC3851A-1_15 Datasheet
436Kb / 30P
   Synchronous Step-Down Switching Regulator Controller
LTC3851A LINER-LTC3851A_15 Datasheet
440Kb / 30P
   Synchronous Step-Down Switching Regulator Controller
LTC3851 LINER-LTC3851_15 Datasheet
335Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851-1 LINER-LTC3851-1 Datasheet
342Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com