Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59446IRZ-T7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL59446IRZ-T7
Description  500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59446IRZ-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL59446IRZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL59446IRZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL59446IRZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL59446IRZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL59446IRZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL59446IRZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL59446IRZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL59446IRZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL59446IRZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN6261.0
May 19, 2006
FIGURE 7. ZOUT vs FREQUENCY - ENABLED
FIGURE 8. ZOUT vs FREQUENCY - HIZ
FIGURE 9. ZIN vs FREQUENCY
FIGURE 10. PSRR vs FREQUENCY
FIGURE 11. CROSSTALK AND OFF ISOLATION
FIGURE 12. INPUT NOISE vs FREQUENCY
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = 25°C, unless otherwise specified. (Continued)
100
10
1
0.1
0.1M
1M
10M
100M
1G
FREQUENCY (Hz)
VSOURCE = 2VP-P
10k
1k
100
10
0.1M
1M
10M
100M
1G
FREQUENCY (Hz)
VSOURCE = 2VP-P
1M
100k
10k
1k
100
10
1
FREQUENCY (Hz)
0.3M
1M
10M
100M
1G
VSOURCE = 2VP-P
FREQUENCY (Hz)
0.3M
1M
10M
100M
1G
0
-20
-40
-60
10
-10
-30
-50
PSRR (V-)
PSRR (V-)
VSOURCE = 0.5VP-P
FREQUENCY (Hz)
-10
-30
-50
0.1M
1M
10M
100M
1G
-70
-90
0
-20
-40
-60
-80
-100
VIN = 1VP-P
CROSSTALK RL = 500
INPUT X TO OUTPUT Y RL = 150
OFF ISOLATION RL = 500
INPUT X TO OUTPUT X RL = 150
60
50
40
30
20
10
0
100
1k
10k
100k
FREQUENCY (Hz)
ISL59446


Similar Part No. - ISL59446IRZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59446IRZ-T7 RENESAS-ISL59446IRZ-T7 Datasheet
909Kb / 14P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
More results

Similar Description - ISL59446IRZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59446 RENESAS-ISL59446 Datasheet
909Kb / 14P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
logo
Intersil Corporation
ISL59448 INTERSIL-ISL59448 Datasheet
676Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59448 RENESAS-ISL59448 Datasheet
848Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com