Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3179EFUZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL3179EFUZ
Description  High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3179EFUZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL3179EFUZ Datasheet HTML 1Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 2Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 3Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 4Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 5Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 6Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 7Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 8Page - Intersil Corporation ISL3179EFUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN6365.2
April 22, 2008
Absolute Maximum Ratings
Thermal Information
VCC to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input Voltages
DI, DE, RE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Input/Output Voltages
A, B, Y, Z, A/Y, B/Z . . . . . . . . . . . . . . . . . . . . . . . . . . . -9V to +13V
RO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VCC +0.3V)
Short Circuit Duration
Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . See Specification Table
Operating Conditions
Temperature Range
ISL3179EF . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
ISL3179EI, ISL3180EI . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Thermal Resistance (Typical, Note 1, 2)
θJA (°C/W) θJC (°C/W)
8 Ld SOIC Package . . . . . . . . . . . . . . .
160
N/A
14 Ld SOIC Package . . . . . . . . . . . . . .
128
N/A
8 Ld MSOP Package . . . . . . . . . . . . . .
137
N/A
10 Ld DFN Package. . . . . . . . . . . . . . .
46
3.5
Maximum Junction Temperature (Plastic Package) . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity (with direct attach for DFN) test board in free air. See Tech
Brief TB379 for details.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Test Conditions: VCC = 3.0V to 3.6V; Typicals are at VCC = 3.3V, TA = +25°C. (Note 3)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 13)
TYP
MAX
(Note 13) UNITS
DC CHARACTERISTICS
Driver Differential VOUT
VOD
RL = 100Ω (RS-422) (Figure 1A), (Note 12)
Full
2
2.3
-
V
RL = 54Ω (RS-485) (Figure 1A)
Full
1.5
2.1
VCC
V
No Load
Full
-
-
VCC
RL = 60Ω, -7V ≤VCM ≤12V (Figure 1B),
(Note 12)
Full
1.5
2
-
V
Change in Magnitude of Driver
Differential VOUT for
Complementary Output States
ΔVOD
RL = 54Ω or 100Ω (Figure 1A)
Full
-
0.01
0.2
V
Driver Common-Mode VOUT
VOC
RL = 54Ω or 100Ω (Figure 1A)
Full
-
2
2.5
V
Change in Magnitude of Driver
Common-Mode VOUT for
Complementary Output States
ΔVOC
RL = 54Ω or 100Ω (Figure 1A)
Full
-
0.02
0.2
V
Logic Input High Voltage
VIH
DI, DE, RE
Full
2
-
-
V
Logic Input Low Voltage
VIL
DI, DE, RE
Full
-
-
0.8
V
Logic Input Current
IIN1
DI = DE = RE = 0V or VCC
Full
-2
-
2
µA
Input Current (A, B, A/Y, B/Z)
IIN2
DE = 0V, VCC = 0V or
3.6V
VIN = 12V
Full
-
-
220
µA
VIN = -7V
Full
-160
-
-
µA
Y or Z Output Leakage Current
IOZ
DE = 0V, -7V
≤VY or VZ ≤12V, ISL3180E Only
Full
-40
-
40
µA
Driver Short-Circuit Current,
VO = High or Low
IOSD1
DE = VCC, -7V ≤VY or VZ ≤12V (Note 5)
Full
-
-
±250
mA
Receiver Differential Threshold
Voltage
VTH
-7V
≤ VCM ≤ 12V
Full
-200
-
-50
mV
Receiver Input Hysteresis
ΔVTH
VCM = 0V
25
-
28
-
mV
Receiver Output High Voltage
VOH
IO = -12mA, VID = -50mV
Full
VCC - 0.5
-
-
V
Receiver Output Low Voltage
VOL
IO = +10mA, VID = -200mV
Full
-
-
0.4
V
ISL3179E, ISL3180E


Similar Part No. - ISL3179EFUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3179EFUZ INTERSIL-ISL3179EFUZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Renesas Technology Corp
ISL3179EFUZ RENESAS-ISL3179EFUZ Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
More results

Similar Description - ISL3179EFUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com