Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3179EFRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL3179EFRZ
Description  High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3179EFRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL3179EFRZ Datasheet HTML 6Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 7Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 8Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 9Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 10Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 11Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 12Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 13Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FN6365.2
April 22, 2008
higher than ±9kV. The RS-485 pins of the ISL3179E survive
±9kV contact discharges, while the ISL3180E’s RS-485 pins
withstand ±5kV.
Hot Plug Function
When a piece of equipment powers up, there is a period of
time where the processor or ASIC driving the RS-485 control
lines (DE, RE) is unable to ensure that the RS-485 Tx and
Rx outputs are kept disabled. If the equipment is connected
to the bus, a driver activating prematurely during power up
may crash the bus. To avoid this scenario, the ISL3179E and
ISL3180E incorporate a “Hot Plug” function. Circuitry
monitoring VCC ensures that, during power up and power
down, the Tx and Rx outputs remain disabled, regardless of the
state of DE and RE, if VCC is less than ~2.4V. This gives the
processor/ASIC a chance to stabilize and drive the RS-485
control lines to the proper states.
Data Rate, Cables, and Terminations
RS-485/RS-422 are intended for network lengths up to
4000’, but the maximum system data rate decreases as the
transmission length increases. Devices operating at 40Mbps
are limited to lengths less than 100’.
Twisted pair is the cable of choice for RS-485/RS-422
networks. Twisted pair cables tend to pick up noise and
other electromagnetically induced voltages as common
mode signals, which are effectively rejected by the
differential receiver in this IC.
Proper termination is imperative to minimize reflections. In
point-to-point, or point-to-multipoint (single driver on bus)
networks, the main cable should be terminated in its
characteristic impedance (typically 120
Ω) at the end farthest
from the driver. In multi-receiver applications, stubs
connecting receivers to the main cable should be kept as
short as possible. Multipoint (multi-driver) systems require
that the main cable be terminated in its characteristic
impedance at both ends. Stubs connecting a transceiver to
the main cable should be kept as short as possible.
The ISL3179E, and ISL3180E may also be used at slower
data rates over longer cables, but there are some limitations.
The Rx is optimized for high speed operation, so its output
may glitch if the Rx input differential transition times are too
slow. Keeping the transition times below 500ns, which
equates to the Tx driving a 1000’ (305m) CAT 5 cable, yields
excellent performance over the full operating temperature
range.
Built-In Driver Overload Protection
As stated previously, the RS-485 specification requires that
drivers survive worst case bus contentions undamaged.
These transmitters meet this requirement via driver output
short circuit current limits, and on-chip thermal shutdown
circuitry.
The driver output stages incorporate short circuit current
limiting circuitry which ensures that the output current never
exceeds the RS-485 specification, even at the common mode
voltage range extremes. In the event of a major short circuit
condition, the device also includes a thermal shutdown
feature that disables the drivers whenever the die temperature
becomes excessive. This eliminates the power dissipation,
allowing the die to cool. The drivers automatically reenable
after the die temperature drops about +15°C. If the contention
persists, the thermal shutdown/reenable cycle repeats until
the fault is cleared. Receivers stay operational during thermal
shutdown.
Low Power Shutdown Mode
This BiCMOS transceiver uses a fraction of the power
required by their bipolar counterparts, but it also includes a
shutdown feature that reduces the already low quiescent ICC
to a 50nA trickle. It enters shutdown whenever the receiver
and driver are simultaneously disabled (RE =VCC and
DE = GND) for a period of at least 600ns. Disabling both the
driver and the receiver for less than 60ns guarantees that
the transceiver will not enter shutdown.
Note that receiver and driver enable times increase when
the transceiver enables from shutdown. Refer to Notes 6, 7,
8, 9 and 10, at the end of the “Electrical Specification” table
on page 6, for more information.
FIGURE 7. HOT PLUG PERFORMANCE (ISL3179E) vs
ISL83485 WITHOUT HOT PLUG CIRCUITRY
TIME (40µs/DIV)
VCC
2
4
2
4
RL = 1kΩ
RO
0
2
4
0
0
A
/Y
RL = 1kΩ
2.3V
2.5V
DE, DI = VCC
ISL3179E
RE = GND
ISL3179E
ISL3179E, ISL3180E


Similar Part No. - ISL3179EFRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3179EFRZ INTERSIL-ISL3179EFRZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Renesas Technology Corp
ISL3179EFRZ RENESAS-ISL3179EFRZ Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
More results

Similar Description - ISL3179EFRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com