Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22323UFV14Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL22323UFV14Z
Description  Dual Digitally Controlled Potentiometer XDCP
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22323UFV14Z Datasheet(HTML) 1 Page - Intersil Corporation

  ISL22323UFV14Z Datasheet HTML 1Page - Intersil Corporation ISL22323UFV14Z Datasheet HTML 2Page - Intersil Corporation ISL22323UFV14Z Datasheet HTML 3Page - Intersil Corporation ISL22323UFV14Z Datasheet HTML 4Page - Intersil Corporation ISL22323UFV14Z Datasheet HTML 5Page - Intersil Corporation ISL22323UFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22323UFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22323UFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22323UFV14Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
FN6422.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) and XDCP are registered trademarks of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007, 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL22323
Dual Digitally Controlled Potentiometer (XDCP™)
Low Noise, Low Power, I2C® Bus,
256 Taps
The ISL22323 integrates two digitally controlled
potentiometers (DCP), control logic and non-volatile memory
on a monolithic CMOS integrated circuit.
The digitally controlled potentiometer is implemented with a
combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
I2C bus interface. The potentiometer has an associated
volatile Wiper Register (WRi) and a non-volatile Initial Value
Register (IVRi) that can be directly written to and read by the
user. The contents of the WRi control the position of the
corresponding wiper. At power up the device recalls the
contents of the DCP’s IVRi to the correspondent WRi.
The ISL22323 also has 13 general purpose non-volatile
registers that can be used as storage of lookup table for
multiple wiper position or any other valuable information.
The ISL22323 features a dual supply, that is beneficial for
applications requiring a bipolar range for DCP terminals
between V- and VCC.
Each DCP can be used as three-terminal potentiometers or
as two-terminal variable resistors in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• Two potentiometers in one package
• 256 resistor taps
•I2C serial interface
- Three address pins, up to eight devices per bus
• Non-volatile EEPROM storage of wiper position
• 13 General Purpose non-volatile registers
• High reliability
- Endurance: 1,000,000 data changes per bit per register
- Register data retention: 50 years @ T
≤ +55°C
• Wiper resistance: 70
Ω typical @ 1mA
• Standby current <4µA max
• Shut-down current <4µA max
• Dual power supply
-VCC = 2.25V to 5.5V
- V- = -2.25V to -5.5V
•10k
Ω, 50kΩ or 100kΩ total resistance
• Extended industrial temperature range: -40 to +125°C
• 14 Ld TSSOP or 16 Ld QFN
• Pb-free (RoHS compliant)
Ordering Information
PART NUMBER
(Notes 1, 2)
PART MARKING
RESISTANCE
OPTION
(k
Ω)
TEMPERATURE
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG. DWG. #
ISL22323TFV14Z
22323 TFVZ
100
-40 to +125
14 Ld TSSOP
M14.173
ISL22323TFR16Z
223 23TFRZ
100
-40 to +125
16 Ld QFN
L16.4x4A
ISL22323UFV14Z
22323 UFVZ
50
-40 to +125
14 Ld TSSOP
M14.173
ISL22323UFR16Z
223 23UFRZ
50
-40 to +125
16 Ld QFN
L16.4x4A
ISL22323WFV14Z
22323 WFVZ
10
-40 to +125
14 Ld TSSOP
M14.173
ISL22323WFR16Z
223 23WFRZ
10
-40 to +125
16 Ld QFN
L16.4x4A
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte
tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
2. Add “-TK” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
Data Sheet
March 13, 2008


Similar Part No. - ISL22323UFV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22323UFV14Z INTERSIL-ISL22323UFV14Z Datasheet
751Kb / 19P
   Low Noise, Low Power, I2C® Bus, 256 Taps
August 17, 2015
logo
Renesas Technology Corp
ISL22323UFV14Z RENESAS-ISL22323UFV14Z Datasheet
1Mb / 19P
   Dual Digitally Controlled Potentiometer (XDCP) Low Noise, Low Power, I2C Bus, 256 Taps
Aug 17, 2015
More results

Similar Description - ISL22323UFV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com