Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL55036 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL55036
Description  400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55036 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL55036 Datasheet HTML 1Page - Intersil Corporation ISL55036 Datasheet HTML 2Page - Intersil Corporation ISL55036 Datasheet HTML 3Page - Intersil Corporation ISL55036 Datasheet HTML 4Page - Intersil Corporation ISL55036 Datasheet HTML 5Page - Intersil Corporation ISL55036 Datasheet HTML 6Page - Intersil Corporation ISL55036 Datasheet HTML 7Page - Intersil Corporation ISL55036 Datasheet HTML 8Page - Intersil Corporation ISL55036 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN6640.1
September 11, 2008
Pin Descriptions
24 LD TQFN
PIN NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
1
IN+_2
Circuit 1
Amplifier 2 non-inverting input
2
IN+_3
Circuit 1
Amplifier 3 non-inverting input
3
GND_IN(1, 2, 3)
Circuit 4
Common reference input for Amplifiers 1, 2, 3
4EN(4, 5, 6)
Circuit 2
Enable pin internal pull-down; Logic “1” selects the disabled state; Logic “0” selects
the enabled state. Channels 4, 5, 6
5
V+(4, 5, 6)
Circuit 5
Positive power supply for Channels 4, 5, 6.
6
IN+_4
Circuit 1
Amplifier 4 non-inverting input
7
IN+_5
Circuit 1
Amplifier 5 non-inverting input
8
IN+_6
Circuit 1
Amplifier 6 non-inverting input
9
GND_IN(4, 5, 6)
Circuit 5
Common reference input for Amplifiers 4, 5, 6
10
GND_PWR(4, 5, 6)
Circuit 5
Power supply ground for Channels 4, 5, 6.
11
GND_OUT(4, 5, 6)
Circuit 3
Output power supply ground for Channels 4, 5, 6.
12
OUT_ 6
Circuit 3
Amplifier 6 output
13
OUT_ 5
Circuit 3
Amplifier 5 output
14
OUT_4
Circuit 3
Amplifier 4 output
15
V+_OUT(4, 5, 6)
Circuit 3
Output power supply for Channels 4, 5, 6.
16
GND_PWR(1, 2, 3)
Circuit 4
Power supply ground Channels 1, 2, 3.
17
GND_OUT(1, 2, 3)
Circuit 3
Output power supply ground Channels 1, 2, 3.
18
OUT_3
Circuit 3
Amplifier 3 output
19
OUT_2
Circuit 3
Amplifier 2 output
20
OUT_1
Circuit 3
Amplifier 1 output
21
V+_OUT(1, 2, 3)
Circuit 3
Output power supply Channels 1, 2, 3.
22
EN(1, 2, 3)
Circuit 2
Enable pin internal pull-down; Logic “1” selects the disabled state; Logic “0” selects
the enabled state. Channels 1, 2, 3
23
V+(1, 2, 3)
Circuit 4
Positive power supply for Channels 1, 2, 3.
24
IN+_1
Circuit 1
Amplifier 1 non-inverting input
Thermal Pad
Circuit 6
Thermal heat sink pad makes electrical contact the IC substrate and must be
connected to same ground potential as the ground pins.
IN+
V+
GND_PWR
EN
V+
21k
+
-
1.2V
V+_OUT(1, 2, 3)
GND_OUT(1, 2, 3)
OUT(1, 2, 3)
CIRCUIT 3
CIRCUIT 2
CIRCUIT 1
GND_PWR (1,2,3)
~1M
Ω
SUBSTRATE 1
THERMAL HEAT SINK PAD
~1M
Ω
SUBSTRATE 2
CIRCUIT 4
GND_IN-(1,2,3)
GND_PWR(1,2,3)
CIRCUIT 5
GND_IN-(4, 5, 6)
GND_PWR(4, 5, 6)
V+_OUT(4, 5, 6)
OUT(4, 5, 6)
GND_OUT(4, 5, 6)
V+(1, 2, 3)
V+(4,5,6)
CIRCUIT 6
GND(4, 5, 6)
1.5k
500
1.5k
500
GND_PWR
dv/dt
CLAMP
ISL55036


Similar Part No. - ISL55036

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55036 RENESAS-ISL55036 Datasheet
885Kb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
ISL55036IRTZ RENESAS-ISL55036IRTZ Datasheet
885Kb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
ISL55036IRTZ-T13 RENESAS-ISL55036IRTZ-T13 Datasheet
885Kb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
More results

Similar Description - ISL55036

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033 INTERSIL-ISL55033 Datasheet
1Mb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Renesas Technology Corp
ISL55036 RENESAS-ISL55036 Datasheet
885Kb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
logo
Global Mixed-mode Techn...
G1402 GMT-G1402_15 Datasheet
31Kb / 1P
   Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_16 Datasheet
476Kb / 17P
   Operational Amplifiers High Slew Rate, Rail-to-Rail Output
August, 2016 ??Rev. 11
NCS2003 ONSEMI-NCS2003_V01 Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
logo
Texas Instruments
TLV277X-Q1 TI1-TLV277X-Q1_16 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X TI1-TLV277X_16 Datasheet
2Mb / 74P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X TI1-TLV277X_17 Datasheet
2Mb / 73P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com