Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97636IRZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL97636IRZ
Description  8-Channel LED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97636IRZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL97636IRZ Datasheet HTML 1Page - Intersil Corporation ISL97636IRZ Datasheet HTML 2Page - Intersil Corporation ISL97636IRZ Datasheet HTML 3Page - Intersil Corporation ISL97636IRZ Datasheet HTML 4Page - Intersil Corporation ISL97636IRZ Datasheet HTML 5Page - Intersil Corporation ISL97636IRZ Datasheet HTML 6Page - Intersil Corporation ISL97636IRZ Datasheet HTML 7Page - Intersil Corporation ISL97636IRZ Datasheet HTML 8Page - Intersil Corporation ISL97636IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
FN6570.0
May 9, 2008
Eff_peak
Peak Efficiency
VIN = 18V, 72 LEDs,
20mA each, L = 8.2µH
with DCR 106m
Ω,
TA = +25°C
91
%
VIN = 12V, 72 LEDs,
20mA each, L = 8.2µH
with DCR 106m
Ω,
TA = +25°C
90
%
VIN = 6V, 72 LEDs,
20mA each, L = 8.2µH
with DCR 106m
Ω,
TA = +25°C
86
%
ΔI
OUT/ΔVIN
Line Regulation
0.1
%
Dmax
Boost Maximum Duty Cycle
82
%
Dmin
Boost Minimum Duty Cycle
7
%
fS
Switching Frequency
1.0
1.2
1.3
MHz
ILX_leakage
LX Leakage Current
VLX = 36V, EN = 0
10
µA
REFERENCE
Imatch
Channel-to-Channel Current Matching
IOUT = 30mA
-3.5
±1
+3.5
%
IACC
Current Accuracy
±3
%
FAULT DETECTION
VSC
Short Circuit Threshold
PWM Dimming = 100%
7.8
8
8.8
V
Vtemp_acc
Over-Temperature Threshold Accuracy
5
°
C
VOVPlo
Overvoltage Limit on OVP Pin
1.17
1.2
1.23
V
OVPhys
OVP Hysteresis
20
mV
OVPfault
OVP Short Detection Fault Level
300
mV
CURRENT SOURCES
Vheadroom
Dominant Channel Current Source
Headroom at IIN Pin
ILED = 20mA
TA = +25°C
100
mV
VRSET
Voltage at RSET Pin
RSET = 36.6kΩ
680
700
720
mV
ILEDmax
Maximum LED Current Per Channel
RSET = 20.9kΩ
35
mA
FAULT PIN
Ifault
Fault Pull-down Current
VIN = 12V
101830
µA
Vfault
FAULT Clamp Voltage with Respect to VIN VIN = 12, VIN - Vfault
7.5
V
IlxStartup
LX Start-up Current
VDC = 5.2V
1
2.7
7
mA
Electrical Specifications
All specifications below are tested at TA = -40°C to +85°C; VIN = 12V, EN = 5V, RSET = 36.6kΩ; Parameters
with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits
established by characterization and are not production tested. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
ISL97636


Similar Part No. - ISL97636IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97636IRZ INTERSIL-ISL97636IRZ Datasheet
653Kb / 18P
   8-Channel LED Driver
May 9, 2008
logo
Renesas Technology Corp
ISL97636IRZ RENESAS-ISL97636IRZ Datasheet
1Mb / 18P
   8-Channel LED Driver
More results

Similar Description - ISL97636IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97636IRZ INTERSIL-ISL97636IRZ Datasheet
653Kb / 18P
   8-Channel LED Driver
May 9, 2008
logo
Renesas Technology Corp
ISL97636 RENESAS-ISL97636 Datasheet
1Mb / 18P
   8-Channel LED Driver
logo
Intersil Corporation
ISL97635IRZ INTERSIL-ISL97635IRZ Datasheet
741Kb / 28P
   SMBus 8-Channel LED Driver
December 22, 2008
logo
Renesas Technology Corp
ISL97635 RENESAS-ISL97635 Datasheet
1Mb / 28P
   SMBus 8-Channel LED Driver
logo
Intersil Corporation
ISL97635 INTERSIL-ISL97635 Datasheet
744Kb / 28P
   SMBus 8-Channel LED Driver
logo
Rohm
BD6142AMUV ROHM-BD6142AMUV_12 Datasheet
793Kb / 34P
   8-Channel White LED Driver
logo
Linear Technology
LT3760 LINER-LT3760_15 Datasheet
429Kb / 32P
   8-Channel 100mA LED Driver
logo
Catalyst Semiconductor
CAT4008 CATALYST-CAT4008 Datasheet
258Kb / 14P
   8-Channel Constant Current LED Driver
logo
Intersil Corporation
ISL97678 INTERSIL-ISL97678 Datasheet
927Kb / 18P
   8-Channel 45V 50mA LED Driver
logo
Renesas Technology Corp
ISL97677 RENESAS-ISL97677 Datasheet
1Mb / 24P
   SMBus/I2C 8-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com