Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3221ECAZA-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL3221ECAZA-T
Description  짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3221ECAZA-T Datasheet(HTML) 1 Page - Intersil Corporation

  ICL3221ECAZA-T Datasheet HTML 1Page - Intersil Corporation ICL3221ECAZA-T Datasheet HTML 2Page - Intersil Corporation ICL3221ECAZA-T Datasheet HTML 3Page - Intersil Corporation ICL3221ECAZA-T Datasheet HTML 4Page - Intersil Corporation ICL3221ECAZA-T Datasheet HTML 5Page - Intersil Corporation ICL3221ECAZA-T Datasheet HTML 6Page - Intersil Corporation ICL3221ECAZA-T Datasheet HTML 7Page - Intersil Corporation ICL3221ECAZA-T Datasheet HTML 8Page - Intersil Corporation ICL3221ECAZA-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
±15kV ESD Protected, +3V to +5.5V, 1µA, 250kbps,
RS-232 Transmitters/Receivers
ICL3221E, ICL3222E, ICL3223E,
ICL3232E, ICL3241E, ICL3243E
The Intersil ICL32xxE devices are 3.0V to 5.5V powered
RS-232 transmitters/receivers which meet ElA/TIA-232
and V.28/V.24 specifications, even at VCC = 3.0V.
Additionally, they provide ±15kV ESD protection
(IEC61000-4-2 Air Gap and Human Body Model) on
transmitter outputs and receiver inputs (RS-232 pins).
Targeted applications are PDAs, Palmtops, and notebook
and laptop computers where the low operational, and
even lower standby, power consumption is critical.
Efficient on-chip charge pumps, coupled with manual and
automatic power-down functions (except for the
ICL3232E), reduce the standby supply current to a 1µA
trickle. Small footprint packaging, and the use of small,
low value capacitors ensure board space savings as well.
Data rates greater than 250kbps are guaranteed at worst
case load conditions. This family is fully compatible with
3.3V-only systems, mixed 3.3V and 5.0V systems, and
5.0V-only systems.
The ICL324XE are 3-driver, 5-receiver devices that
provide a complete serial port suitable for laptop or
notebook computers. Both devices also include
noninverting always-active receivers for “wake-up”
capability.
The ICL3221E, ICL3223E and ICL3243E, feature an
automatic power-down function which powers down
the on-chip power-supply and driver circuits. This occurs
when an attached peripheral device is shut off or the
RS-232 cable is removed, conserving system power
automatically without changes to the hardware or
operating system. These devices power up again when a
valid RS-232 voltage is applied to any receiver input.
Table 1 summarizes the features of the devices
represented by this data sheet, while Application Note
AN9863 summarizes the features of each device
comprising the ICL32xxE 3V family.
Features
• ESD Protection for RS-232 I/O Pins to ±15kV
(IEC61000)
• Drop in Replacements for MAX3221E, MAX3222E,
MAX3223E, MAX3232E, MAX3241E, MAX3243E,
SP3243E
• ICL3221E is a Low Power, Pin Compatible Upgrade
for 5V MAX221E
• ICL3222E is a Low Power, Pin Compatible Upgrade
for 5V MAX242E, and SP312E
• ICL3232E is a Low Power Upgrade for HIN232E,
ICL232 and Pin Compatible Competitor Devices
• RS-232 Compatible with VCC = 2.7V
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
•Latch-Up Free
• On-Chip Voltage Converters Require Only Four
External 0.1µF Capacitors
• Manual and Automatic Power-Down Features
• Guaranteed Mouse Driveability (ICL324xE Only)
• Receiver Hysteresis For Improved Noise Immunity
• Guaranteed Minimum Data Rate. . . . . . . . 250kbps
• Wide Power Supply Range . . . . Single +3V to +5.5V
• Low Supply Current in Power-Down State . . . . . 1µA
• Pb-Free Available (RoHS Compliant)
Applications
• Any System Requiring RS-232 Communication Ports
- Battery Powered, Hand-Held, and Portable
Equipment
- Laptop Computers, Notebooks, Palmtops
- Modems, Printers and other Peripherals
-Digital Cameras
- Cellular/Mobile Phones
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2000-2005, 2007-2008, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
February 22, 2010
FN4910.21


Similar Part No. - ICL3221ECAZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3221ECAZA-T RENESAS-ICL3221ECAZA-T Datasheet
1Mb / 33P
   ESD Protection for RS-232 I/O Pins to 짹15kV (IEC61000)
More results

Similar Description - ICL3221ECAZA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3241EIA INTERSIL-ICL3241EIA Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3243EIA INTERSIL-ICL3243EIA Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3243ECVZ-T INTERSIL-ICL3243ECVZ-T Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3221EM INTERSIL-ICL3221EM Datasheet
238Kb / 12P
   짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ISL83385E INTERSIL-ISL83385E_05 Datasheet
275Kb / 11P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83239E INTERSIL-ISL83239E Datasheet
567Kb / 12P
   짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ISL83239E INTERSIL-ISL83239E_04 Datasheet
343Kb / 11P
   짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com