Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP43220JC-25 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HSP43220JC-25
Description  Decimating Digital Filter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43220JC-25 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HSP43220JC-25 Datasheet HTML 5Page - Intersil Corporation HSP43220JC-25 Datasheet HTML 6Page - Intersil Corporation HSP43220JC-25 Datasheet HTML 7Page - Intersil Corporation HSP43220JC-25 Datasheet HTML 8Page - Intersil Corporation HSP43220JC-25 Datasheet HTML 9Page - Intersil Corporation HSP43220JC-25 Datasheet HTML 10Page - Intersil Corporation HSP43220JC-25 Datasheet HTML 11Page - Intersil Corporation HSP43220JC-25 Datasheet HTML 12Page - Intersil Corporation HSP43220JC-25 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
FN2486.10
October 10, 2008
Start Logic
The Start Logic generates a start signal that is used
internally to synchronously start the DDF. If ASTARTIN is
asserted (STARTIN must be tied high) the Start Logic
synchronizes it to CK_IN by double latching the signal and
generating the signal STARTOUT, which is shown in Figure
8. The STARTOUT signal is then used to synchronously start
other DDFs in a multi-chip configuration (the STARTOUT
signal of the first DDF would be tied to the STARTIN of the
second DDF). The NAND gate shown in Figure 8 then
passes this synchronized signal to be used on-chip to
provide a synchronous start. Once started, the chip requires
a RESET to halt operation.
When STARTIN is asserted (ASTARTIN must be tied high)
the NAND gate passes STARTIN which is used to provide the
internal start, ISTART, for the DDF. When RESET is asserted
the internal start signal is held inactive, thus it is necessary to
assert either ASTARTIN or STARTIN in order to start the DDF.
The timing of the first valid DATA_IN with respect to
START_IN is shown in the Timing Waveforms.
In using ASTARTIN or STARTIN a high to low transition must
be detected by the rising edge of CK_IN, therefore these
signals must have been high for more than one CK_IN cycle
and then taken low.
The FIR Section
The second filter in the top level block diagram is a Finite
Impulse Response (FIR) filter which performs the final
shaping of the signal spectrum and suppresses the aliasing
components in the transition band of the HDF. This enables
the DDF to implement filters with narrow pass bands and
sharp transition bands.
The FIR is implemented in a transversal structure using a single
multiplier/accumulator (MAC) and RAM for storage of the data
and filter coefficients as shown in Figure 9. The FIR can
implement up to 512 symmetric taps and decimation up to 16.
The FIR is divided into 2 sections: the FIR filter section and
the FIR control logic.
H_Register 2 (A1 = 1, A0 = 1)
FIGURE 7.
DDF Control Registers (Continued)
RESERVED
H_GROWTH
H_STAGES
G5
G4
G3
G2
G1
G0
N2
N1
N0
H_STAGES
Bits N0-N2 are used to select the number of stages or order of the
HDF filter. The number that is programmed in is equal to the
required number of stages. For a 5th order filter, H_STAGES
would be set equal to 5.
H_GROWTH
Bits G0-G5 are used to select the proper amount of growth bits.
H_GROWTH is calculated using Equation 1:
where the CEILING { } means use the next largest integer of the
result of the value in brackets and log is the log to the base 10.
The value of H_GROWTH represents the position of the LSB on
the output of the data shifter.
H_GROWTH
50
CEILING H_STAGESx
H
DEC
()/log(2)
log
{}
=
(EQ. 1)
15 14 13 12 11 10
9
8
7654
3
2
1
0
FIGURE 8. START LOGIC
CK_IN
RESET
ISTART
STARTIN
STARTOUT
ASTARTIN
S
DQ
S
DQ
HSP43220


Similar Part No. - HSP43220JC-25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43220JC-25 INTERSIL-HSP43220JC-25 Datasheet
800Kb / 18P
   Decimating Digital Filter
logo
Renesas Technology Corp
HSP43220JC-25 RENESAS-HSP43220JC-25 Datasheet
1Mb / 21P
   Decimating Digital Filter
Oct 10, 2008
HSP43220JC-25Z RENESAS-HSP43220JC-25Z Datasheet
1Mb / 21P
   Decimating Digital Filter
Oct 10, 2008
More results

Similar Description - HSP43220JC-25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43220 INTERSIL-HSP43220_04 Datasheet
800Kb / 18P
   Decimating Digital Filter
HSP43220883 INTERSIL-HSP43220883 Datasheet
204Kb / 7P
   Decimating Digital Filter
logo
Renesas Technology Corp
HSP43220 RENESAS-HSP43220 Datasheet
1Mb / 21P
   Decimating Digital Filter
Oct 10, 2008
logo
List of Unclassifed Man...
GF9102ACPM ETC-GF9102ACPM Datasheet
300Kb / 11P
   Decimating/Interpolating Digital Filter
logo
Intersil Corporation
DECIMATE INTERSIL-DECIMATE Datasheet
48Kb / 5P
   Decimating Digital Filter Development Software
May 1999
logo
LOGIC Devices Incorpora...
LF2242 LODEV-LF2242 Datasheet
136Kb / 8P
   12/16-bit Half-Band Interpolating/ Decimating Digital Filter
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242C FAIRCHILD-TMC2242C Datasheet
236Kb / 13P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
TMC2242A FAIRCHILD-TMC2242A Datasheet
86Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Analog Devices
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com