Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6740IVZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6740IVZ
Description  Flexible Double Ended Voltage and Current Mode PWM Controllers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6740IVZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6740IVZ Datasheet HTML 1Page - Intersil Corporation ISL6740IVZ Datasheet HTML 2Page - Intersil Corporation ISL6740IVZ Datasheet HTML 3Page - Intersil Corporation ISL6740IVZ Datasheet HTML 4Page - Intersil Corporation ISL6740IVZ Datasheet HTML 5Page - Intersil Corporation ISL6740IVZ Datasheet HTML 6Page - Intersil Corporation ISL6740IVZ Datasheet HTML 7Page - Intersil Corporation ISL6740IVZ Datasheet HTML 8Page - Intersil Corporation ISL6740IVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
®
FN9111.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003-2004. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL6740, ISL6741
Flexible Double Ended Voltage and
Current Mode PWM Controllers
The ISL6740, ISL6741 family of adjustable frequency, low
power, pulse width modulating (PWM) voltage mode
(ISL6740) and current mode (ISL6741) controllers is
designed for a wide range of power conversion applications
using half-bridge, full bridge, and push-pull configurations.
These controllers provide an extremely flexible oscillator that
allows precise control of frequency, duty cycle, and
deadtime.
This advanced BiCMOS design features low operating
current, adjustable switching frequency up to 1MHz,
adjustable soft start, internal and external over temperature
protection, fault annunciation, and a bidirectional SYNC
signal that allows the oscillator to be locked to paralleled
units or to an external clock for noise sensitive applications.
Features
• Precision Duty Cycle and Deadtime Control
•95
µA Startup Current
• Adjustable Delayed Over Current Shutdown and Re-Start
(ISL6740)
• Adjustable Short Circuit Shutdown and Re-Start
• Adjustable Oscillator Frequency Up to 2MHz
• Bidirectional Synchronization
• Inhibit Signal
• Internal Over Temperature Protection
• System Over Temperature Protection Using a Thermistor
or Sensor
• Adjustable Soft Start
• Adjustable input Under Voltage Lockout
• Fault Signal
• Tight Tolerance Voltage Reference Over Line, Load, and
Temperature
• Pb-free available
Applications
• Telecom and Datacom Power
• Wireless Base Station Power
• File Server Power
• Industrial Power Systems
• DC Transformers and Buss Regulators
Pinout
ISL6740, ISL6741 (SOIC, TSSOP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
DWG. #
ISL6740IB
-40 to 105
16 Ld SOIC
M16.15
ISL6740IBZ
(See Note)
-40 to 105
16 Ld SOIC
(Pb-free)
M16.15
ISL6740IV
-40 to 105
16 Ld TSSOP
M16.173
ISL6740IVZ
(See Note)
-40 to 105
16 Ld TSSOP
(Pb-free)
M16.173
ISL6741IB
-40 to 105
16 Ld SOIC
M16.15
ISL6741IBZ
(See Note)
-40 to 105
16 Ld SOIC
(Pb-free)
M16.15
ISL6741IV
-40 to 105
16 Ld TSSOP
M16.173
ISL6741IVZ
(See Note)
-40 to 105
16 Ld TSSOP
(Pb-free)
M16.173
Add -T suffix to part number for tape and reel packaging
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
x =CONTROL MODE
0
Voltage Mode
1
Current Mode
OUTA
GND
SCSET
CT
SYNC
CS
VERROR
OUTB
VREF
VDD
RTD
RTC
OTS
FAULT
1
2
3
4
5
6
7
16
15
14
13
12
11
10
8
9
UV
SS
Data Sheet
July 2004


Similar Part No. - ISL6740IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6740IVZ INTERSIL-ISL6740IVZ Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740IVZ INTERSIL-ISL6740IVZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740IVZ INTERSIL-ISL6740IVZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
logo
Renesas Technology Corp
ISL6740IVZ RENESAS-ISL6740IVZ Datasheet
1Mb / 30P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
More results

Similar Description - ISL6740IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740IV-T INTERSIL-ISL6740IV-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
logo
Renesas Technology Corp
ISL6740 RENESAS-ISL6740 Datasheet
1Mb / 30P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
ISL6722A INTERSIL-ISL6722A Datasheet
647Kb / 24P
   Flexible Single Ended Current Mode PWM
ISL6740A INTERSIL-ISL6740A Datasheet
320Kb / 15P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
Renesas Technology Corp
ISL6740A RENESAS-ISL6740A Datasheet
660Kb / 14P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com