Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5393ACS-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5393ACS-T7
Description  Triple 300MHz Current Feedback Amplifier with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5393ACS-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5393ACS-T7 Datasheet HTML 1Page - Intersil Corporation EL5393ACS-T7 Datasheet HTML 2Page - Intersil Corporation EL5393ACS-T7 Datasheet HTML 3Page - Intersil Corporation EL5393ACS-T7 Datasheet HTML 4Page - Intersil Corporation EL5393ACS-T7 Datasheet HTML 5Page - Intersil Corporation EL5393ACS-T7 Datasheet HTML 6Page - Intersil Corporation EL5393ACS-T7 Datasheet HTML 7Page - Intersil Corporation EL5393ACS-T7 Datasheet HTML 8Page - Intersil Corporation EL5393ACS-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
¬
FN7195.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004, 2010. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL5393A
Triple 300MHz Current Feedback Amplifier
with Enable
The EL5393A is a triple current
feedback amplifier with a bandwidth of
300MHz. This makes these amplifiers
ideal for today’s high speed video and monitor applications.
With a supply current of just 4mA per amplifier and the ability
to run from a single supply voltage from 5V to 10V, these
amplifiers are also ideal for hand held, portable or battery
powered equipment.
The EL5393A also incorporates an enable and disable
function to reduce the supply current to 100µA typical per
amplifier. Allowing the CE pin to float or applying a low logic
level will enable the amplifier.
For applications where board space is critical, the EL5393A
is offered in 16-pin QSOP package, as well as an industry
standard 16-pin SO (0.150"). The EL5393A operates over
the industrial temperature range of -40
°C to +85°C.
Features
• 300MHz -3dB bandwidth
• 4mA supply current (per amplifier)
• Single and dual supply operation, from 5V to 10V
• Fast enable/disable
• Available in 16-pin QSOP package
• Single (EL5193) and dual (EL5293) available
• High speed, 1GHz product available (EL5191)
• High speed, 6mA, 600MHz product available (EL5192,
EL5292, and EL5392)
Applications
• Battery-powered equipment
• Hand-held, portable devices
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters
Pinout
Ordering Information
PART NUMBER
PART
MARKING
PACKAGE
PKG.
DWG. #
EL5393ACS
EL5393ACS
16-Pin SO (0.150") MDP0027
EL5393ACS-T7*
EL5393ACS
16-Pin SO (0.150")
Tape and Reel
MDP0027
EL5393ACS-T13* EL5393ACS
16-Pin SO (0.150")
Tape and Reel
MDP0027
EL5393ACU
5393ACU
16-Pin QSOP
MDP0040
EL5393ACU-T7* 5393ACU
16-Pin QSOP
Tape and Reel
MDP0040
EL5393ACU-T13* 5393ACU
16-Pin QSOP
Tape and Reel
MDP0040
*Please refer to TB347 for details on reel specifications.
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
-
+
-
+
-
+
INA+
CEA
VS-
CEB
INB+
NC
CEC
INC+
INA-
OUTA
VS+
OUTB
INB-
NC
OUTC
INC-
EL5393A
[16-PIN SO (0.150”), QSOP]
TOP VIEW
Data Sheet
September 22, 2010
NOT
RECO
MME
NDED
FOR
NEW
DESI
GNS
SEE
EL53
60, E
L536
2


Similar Part No. - EL5393ACS-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5393C ELANTEC-EL5393C Datasheet
315Kb / 15P
   Triple 300MHz Current Feedback Amplifier
EL5393CS ELANTEC-EL5393CS Datasheet
315Kb / 15P
   Triple 300MHz Current Feedback Amplifier
EL5393CS-T13 ELANTEC-EL5393CS-T13 Datasheet
315Kb / 15P
   Triple 300MHz Current Feedback Amplifier
EL5393CS-T7 ELANTEC-EL5393CS-T7 Datasheet
315Kb / 15P
   Triple 300MHz Current Feedback Amplifier
EL5393CU ELANTEC-EL5393CU Datasheet
315Kb / 15P
   Triple 300MHz Current Feedback Amplifier
More results

Similar Description - EL5393ACS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
   Single 300MHz Current Feedback Amplifier with Enable
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293 Datasheet
307Kb / 14P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293_07 Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5193 RENESAS-EL5193 Datasheet
928Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5493 RENESAS-EL5493 Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
logo
Elantec Semiconductor
EL5393C ELANTEC-EL5393C Datasheet
315Kb / 15P
   Triple 300MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com