Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9105IRZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL9105IRZ-T
Description  600mA Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9105IRZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL9105IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL9105IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL9105IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL9105IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL9105IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL9105IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL9105IRZ-T Datasheet HTML 9Page - Intersil Corporation ISL9105IRZ-T Datasheet HTML 10Page - Intersil Corporation ISL9105IRZ-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FN6415.1
February 13, 2007
PCB Layout Recommendation
The PCB layout is a very important converter design step to
make sure the designed converter works well.
For ISL9105, the power loop is composed of the output
inductor L, the output capacitor COUT, the PHASE pin and
the GND pin. It is necessary to make the power loop as
small as possible and the connecting traces among them
should be direct, short and wide.
The switching node of the converter, the PHASE pin, and the
traces connected to the node are very noisy, so keep the
voltage feedback trace away from these noisy traces.
The input capacitor should be placed to VIN pin as close as
possible. And the ground of input and output capacitors
should be connected as close as possible.
The heat of the IC is mainly dissipated through the thermal
pad. Maximizing the copper area connected to the thermal
pad is preferable. In addition, a solid ground plane is helpful
for better EMI performance.
ISL9105


Similar Part No. - ISL9105IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9105IRZ-T RENESAS-ISL9105IRZ-T Datasheet
877Kb / 11P
   600mA Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL9105IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9105 RENESAS-ISL9105 Datasheet
877Kb / 11P
   600mA Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL9106 INTERSIL-ISL9106 Datasheet
413Kb / 13P
   1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL9107 INTERSIL-ISL9107 Datasheet
338Kb / 12P
   1.5A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8009A RENESAS-ISL8009A Datasheet
1,019Kb / 13P
   1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
ISL9106 RENESAS-ISL9106 Datasheet
698Kb / 13P
   1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL9107 RENESAS-ISL9107 Datasheet
671Kb / 13P
   1.5A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8009A INTERSIL-ISL8009A Datasheet
701Kb / 13P
   1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
logo
Freescale Semiconductor...
34727 FREESCALE-34727 Datasheet
1Mb / 19P
   600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Intersil Corporation
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com