Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22316 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL22316
Description  Single Digitally Controlled Potentiometer XDCP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22316 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL22316 Datasheet HTML 1Page - Intersil Corporation ISL22316 Datasheet HTML 2Page - Intersil Corporation ISL22316 Datasheet HTML 3Page - Intersil Corporation ISL22316 Datasheet HTML 4Page - Intersil Corporation ISL22316 Datasheet HTML 5Page - Intersil Corporation ISL22316 Datasheet HTML 6Page - Intersil Corporation ISL22316 Datasheet HTML 7Page - Intersil Corporation ISL22316 Datasheet HTML 8Page - Intersil Corporation ISL22316 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN6186.2
September 1, 2009
RESISTOR MODE (Measurements between RW and RL with RH not connected, or between RW and RH with RL not connected)
RINL
(Note 15)
Integral Non-linearity
DCP register set between 10 hex and 7F
hex; monotonic over all tap positions;
W and U option
-1
1
MI
(Note 12)
RDNL
(Note 14)
Differential Non-linearity
W option
-1
1
MI
(Note 12)
U option
-0.5
0.5
MI
(Note 12)
Roffset
(Note 13)
Offset
W option
0
1
5
MI
(Note 12)
U option
0
0.5
2
MI
(Note 12)
Analog Specifications
Over recommended operating conditions, unless otherwise stated. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 19)
TYP
(Note 5)
MAX
(Note 19)
UNIT
Operating Specifications Over the recommended operating conditions, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 19)
TYP
(Note 5)
MAX
(Note 19)
UNIT
ICC1
VCC Supply Current (Volatile Write/Read)
fSCL = 400kHz; SDA = Open; (for I
2C,
active, read and write states)
0.5
mA
ICC2
VCC Supply Current (Non-volatile Write/Read) fSCL = 400kHz; SDA = Open; (for I
2C,
active, read and write states)
3mA
ISB
VCC Current (Standby)
VCC = +5.5V @ +85°C, I
2C interface in
standby state
5µA
VCC = +5.5V @ +125°C, I
2C interface in
standby state
7µA
VCC = +3.6V @ +85°C, I
2C interface in
standby state
3µA
VCC = +3.6V @ +125°C, I
2C interface in
standby state
5µA
ISD
VCC Current (Shutdown)
VCC = +5.5V @ +85°C, I
2C interface in
standby state
3µA
VCC = +5.5V @ +125°C, I
2C interface in
standby state
5µA
VCC = +3.6V @ +85°C, I
2C interface in
standby state
2µA
VCC = +3.6V @ +125°C, I
2C interface in
standby state
4µA
ILkgDig
Leakage Current, at Pins A0, A1, SHDN,
SDA and SCL
Voltage at pin from GND to VCC,
SDA is inactive
-1
1
µA
tDCP
(Note 18)
DCP Wiper Response Time
SCL falling edge of last bit of DCP data byte
to wiper new position
1.5
µs
tShdnRec
(Note 18)
DCP Recall Time from Shutdown Mode
From rising edge of SHDN signal to wiper
stored position and RH connection
1.5
µs
SCL falling edge of last bit of ACR data byte
to wiper stored position and RH connection
1.5
µs
Vpor
Power-on Recall Voltage
Minimum VCC at which memory recall occurs
2.0
2.6
V
VCCRamp VCC Ramp Rate
0.2
V/ms
tD
Power-up Delay
VCC above Vpor, to DCP Initial Value
Register recall completed and I2C Interface
in standby state
3ms
ISL22316


Similar Part No. - ISL22316

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22316 INTERSIL-ISL22316 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
logo
Intersil Corporation
ISL22316 INTERSIL-ISL22316 Datasheet
605Kb / 16P
   Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
ISL22316UFRT10Z INTERSIL-ISL22316UFRT10Z Datasheet
605Kb / 16P
   Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
logo
Renesas Technology Corp
ISL22316UFRT10Z RENESAS-ISL22316UFRT10Z Datasheet
934Kb / 16P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
More results

Similar Description - ISL22316

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com