Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6539IAZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6539IAZ
Description  Wide Input Range Dual PWM Controller with DDR Option
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6539IAZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6539IAZ Datasheet HTML 1Page - Intersil Corporation ISL6539IAZ Datasheet HTML 2Page - Intersil Corporation ISL6539IAZ Datasheet HTML 3Page - Intersil Corporation ISL6539IAZ Datasheet HTML 4Page - Intersil Corporation ISL6539IAZ Datasheet HTML 5Page - Intersil Corporation ISL6539IAZ Datasheet HTML 6Page - Intersil Corporation ISL6539IAZ Datasheet HTML 7Page - Intersil Corporation ISL6539IAZ Datasheet HTML 8Page - Intersil Corporation ISL6539IAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN9144.4
June 6, 2005
BOOT
Absolute Maximum Ratings
Bias Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6.5V
Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +18.0V
PHASE, UGATE . . . . . . . . . . . . . . . . . . .GND-5V (Note 1) to +24.0V
BOOT, ISEN . . . . . . . . . . . . . . . . . . . . . . . . . . . GND-0.3V to +24.0V
BOOT with respect to PHASE . . . . . . . . . . . . . . . . . . . . . . . . . + 6.5V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . GND -0.3V to VCC + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Recommended Operating Conditions
Bias Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+5.0V ±5%
Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . +3.3V or 5.0V to +18.0V
Ambient Temperature Range, Commercial . . . . . . . . . . 0°C to 70°C
Junction Temperature Range, Commercial . . . . . . . . . 0°C to 125°C
Ambient Temperature Range, Industrial. . . . . . . . . . . .-40°C to 85°C
Junction Temperature Range, Industrial . . . . . . . . . .-40°C to 125°C
Thermal Information
Thermal Resistance (Typical, Note 2)
θJA (°C/W)
SSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
80
Maximum Junction Temperature (Plastic Package). . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SSOP - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. 250ns transient. See Confining The Negative Phase Node Voltage Swing in Application Information Section.
2.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY
Bias Current
ICC
LGATEx, UGATEx Open, VSENx forced above
regulation point, DDR = 0, VIN > 5V
-1.8
3.0
mA
Shut-down Current
ICCSN
--
1
µA
VCC UVLO
Rising VCC Threshold
VCCU
4.30
4.45
4.50
V
Falling VCC Threshold
VCCD
4.00
4.14
4.34
V
VIN
Input Voltage Pin Current (Sink)
IVIN
--
35
µA
Shut-down Current
IVINS
--
1
µA
OSCILLATOR
Oscillator Frequency
fOSC
255
300
345
kHz
Ramp Amplitude, pk-pk
VR1
Vin pin voltage = 16V, by design
-
2
-
V
Ramp Amplitude, pk-pk
VR2
Vin pin voltage = 5V, by design
-
0.625
-
V
Ramp Offset
VROFF
By design
-
1
-
V
Ramp/VIN Gain
GRB1
Vin pin voltage > 4.2V, by design
-
125
-
mV/V
Ramp/VIN Gain
GRB2
Vin pin voltage
≤ 4.1V, by design
-
250
-
mV/V
REFERENCE AND SOFT-START
Internal Reference Voltage
VREF
-0.9
-
V
Reference Voltage Accuracy
-1.0
-
+1.0
%
Soft-Start Current During Start-up
ISOFT
-4.5
-
µA
Soft-Start Complete Threshold
VST
By design
-
1.5
-
V
ISL6539


Similar Part No. - ISL6539IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6539IAZ INTERSIL-ISL6539IAZ Datasheet
503Kb / 20P
   Wide Input Range Dual PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6539IAZ RENESAS-ISL6539IAZ Datasheet
933Kb / 20P
   Wide Input Range Dual PWM Controller with DDR Option
logo
Intersil Corporation
ISL6539IAZ-T INTERSIL-ISL6539IAZ-T Datasheet
503Kb / 20P
   Wide Input Range Dual PWM Controller with DDR Option
More results

Similar Description - ISL6539IAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6539 RENESAS-ISL6539 Datasheet
933Kb / 20P
   Wide Input Range Dual PWM Controller with DDR Option
logo
Intersil Corporation
ISL6539 INTERSIL-ISL6539 Datasheet
503Kb / 20P
   Wide Input Range Dual PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Intersil Corporation
ISL6444 INTERSIL-ISL6444 Datasheet
440Kb / 18P
   Dual PWM Controller with DDR Memory Option for Gateway Applications
ISL6444 INTERSIL-ISL6444_07 Datasheet
381Kb / 19P
   Dual PWM Controller with DDR Memory Option for Gateway Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com