Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62391IRTZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL62391IRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62391IRTZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL62391IRTZ Datasheet HTML 5Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 6Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 7Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 8Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 9Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 10Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 11Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 12Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FN6666.4
December 22, 2008
Typical Performance Curves
FIGURE 5. CHANNEL 1 EFFICIENCY AT VO =3.3V, DEM
OPERATION. HIGH-SIDE 1xIRF7821,
rDS(ON) =9.1mΩ; LOW-SIDE 1xIRF7832,
rDS(ON) =4mΩ; L = 4.7µH, DCR = 14.3mΩ; CCM
FSW = 270kHz
FIGURE 6. CHANNEL 2 EFFICIENCY AT VO =5V, DEM
OPERATION. HIGH-SIDE 1xIRF7821,
rDS(ON) =9.1mΩ; LOW-SIDE 1xIRF7832,
rDS(ON) =4mΩ; L = 4.7µH, DCR = 14.3mΩ; CCM
FSW = 330kHz
FIGURE 7. POWER-ON, VIN = 12V, LOAD = 5A, VO =3.3V
FIGURE 8. POWER-OFF, VIN = 12V, IO =5A, VO =3.3V
FIGURE 9. ENABLE CONTROL, EN1 = HIGH, VIN = 12V,
VO = 3.3V, IO =5A
FIGURE 10. ENABLE CONTROL, EN1 = LOW, VIN = 12V,
VO = 3.3V, IO =5A
50
55
60
65
70
75
80
85
90
95
100
0.10
1.00
10.00
IOUT (A)
VIN = 7V
VIN = 12V
VIN = 19V
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
10.00
IOUT (A)
VIN = 7V
VIN = 12V
VIN = 19V
VO1
FB1
PGOOD
PHASE1
VO1
FB1
PGOOD
PHASE1
VO1
FB1
PGOOD
EN1
VO1
FB1
PGOOD
EN1
ISL62391, ISL62392


Similar Part No. - ISL62391IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62391IRTZ INTERSIL-ISL62391IRTZ Datasheet
654Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller
logo
Renesas Technology Corp
ISL62391IRTZ RENESAS-ISL62391IRTZ Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
More results

Similar Description - ISL62391IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62381 INTERSIL-ISL62381_11 Datasheet
521Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
   Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com