Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62391IRTZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL62391IRTZ-T
Description  High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62391IRTZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL62391IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL62391IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL62391IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL62391IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL62391IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL62391IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL62391IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL62391IRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL62391IRTZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
FN6666.4
December 22, 2008
Typical Application Circuits
The typical application circuits generate the 5V/8A and 3.3V/8A (system regulator), or 1.05V/15A and 1.5V/15A (chip set) supplies
in a notebook computer. The input supply (VBAT) range is 5.5V to 25V.
FIGURE 1. TYPICAL SYSTEM REGULATOR APPLICATION CIRCUIT WITH INDUCTOR DCR CURRENT SENSE
FIGURE 2. TYPICAL SYSTEM REGULATOR APPLICATION CIRCUIT WITH RESISTOR SENSE
V BAT
VI N
PH A SE1
UG AT E 1
LG A T E 1
O C SET 1
ISEN 1
VO U T 1
FB 1
P HAS E 2
UG AT E 2
LG A T E 2
O C SET2
ISEN 2
VO U T 2
FB 2
3.3V
5V
LD O 3
PVC C
VC C
PVC C
P GOO D
PG N D
PA D
EN 1
EN 2
F SET1
F SET2
BO O T 1
BO O T 2
FC C M
LD O 3 E N
0.22µF
0.22µF
IRF7821
IRF7821
IRF7832
IRF7832
4.7µH
4.7µH
9.09k
68.1k
750
1200pF
14k
14k 0.022µF
100k
0.01µF
0.01µF
19.6k
24.3k
1µF
4.7µF
10k
45.3k
1µF
330µF
330µF
1200pF
750
14k
14k
0.022µF
4x10µF
ISL62391, ISL62392
VB A T
VIN
PH A S E1
UG AT E 1
LG A T E 1
OC S E T 1
IS E N 1
VO U T 1
FB 1
P HAS E 2
UG AT E2
LG A T E 2
OC S E T 2
ISEN 2
VO U T 2
FB 2
3.3V
5V
3.3 V
LD O 3
PV C C
VC C
PV C C
PG O O D
PG N D
GN D
EN 1
EN 2
FS E T 1
FS E T 2
BO O T 1
BO O T 2
FC C M
LD O 3 E N
0.22µF
0.22µF
IRF7821
IRF7821
IRF7832
IRF7832
4.7µH
4.7µH
4x10µF
ISL62391, ISL62392
0.01µF
0.01µF
24.3k
19.6k
1µF
1µF
4.7µF
9.09k
68.1k
1200pF
1200pF
750
750
100k
45.3k
10k
330µF
330µF
0.001
0.001
1k
1k
1k
1k
ISL62391, ISL62392


Similar Part No. - ISL62391IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62391IRTZ INTERSIL-ISL62391IRTZ Datasheet
654Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller
logo
Renesas Technology Corp
ISL62391IRTZ RENESAS-ISL62391IRTZ Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
More results

Similar Description - ISL62391IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62381 INTERSIL-ISL62381_11 Datasheet
521Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
   Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com