Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6263 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6263
Description  5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6263 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6263 Datasheet HTML 2Page - Intersil Corporation ISL6263 Datasheet HTML 3Page - Intersil Corporation ISL6263 Datasheet HTML 4Page - Intersil Corporation ISL6263 Datasheet HTML 5Page - Intersil Corporation ISL6263 Datasheet HTML 6Page - Intersil Corporation ISL6263 Datasheet HTML 7Page - Intersil Corporation ISL6263 Datasheet HTML 8Page - Intersil Corporation ISL6263 Datasheet HTML 9Page - Intersil Corporation ISL6263 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
FN9213.2
June 10, 2010
Absolute Voltage Ratings
VIN to VSS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +28V
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7.0V
PVCC to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7.0V
VSS to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
PHASE to VSS. . . . . . . . . . . . . . . . . . . . . . . . . . (DC) -0.3V to +28V
(<100ns Pulse Width, 10µJ) -5.0V
BOOT to PHASE . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7.0V
BOOT to VSS or PGND . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +33V
UGATE. . . . . . . . . . . . . . . . . . . (DC) -0.3V to PHASE, BOOT +0.3V
(<200ns Pulse Width, 20µJ) -4.0V
LGATE . . . . . . . . . . . . . . . . . . . . (DC) -0.3V to PGND, PVCC +0.3V
(<100ns Pulse Width, 4µJ) -2.0V
ALL Other Pins. . . . . . . . . . . . . . . . . . . . . -0.3V to VSS, VDD +0.3V
Thermal Information
Thermal Resistance (Typical, Notes 4, 5)
θJA (°C/W) θJC (°C/W)
QFN Package. . . . . . . . . . . . . . . . . . . .
35
6
Junction Temperature Range. . . . . . . . . . . . . . . . . .-55
°C to +150°C
Operating Temperature Range . . . . . . . . . . . . . . . .-10
°C to +100°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65
°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range. . . . . . . . . . . . . . . . . . -10°C to 100°C
VIN to VSS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V to +25V
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V ±5%
PVCC to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V ±5%
FDE to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to +3.3V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
These specifications apply for TA = -10°C to +100°C, unless otherwise stated. All typical specifications
TA = +25°C, VDD = 5V, PVCC = 5V. Boldface limits apply over the operating temperature range,
-10°C to +100°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
VIN
VIN Input Resistance
RVIN
VR_ON = 3.3V
-
1.0
-
M
Ω
VIN Shutdown Current
IVIN_SHDN
VR_ON = 0V, VIN = 25V
-
-
1.0
µA
VDD and PVCC
VDD Input Bias Current
IVDD
VR_ON = 3.3V
-
2.4
3.0
mA
VDD Shutdown Current
IVDD_SHDN VR_ON = 0V, VDD = 5.0V
-
-
1.0
µA
VDD POR THRESHOLD
Rising VDD POR Threshold Voltage
V
VDD_THR
-4.35
4.50
V
Falling VDD POR Threshold Voltage
V
VDD_THF
3.85
4.10
-
V
REGULATION
Output Voltage Range
V
GFX_MAX
VID<4:0> = 00000
-
1.28750
-
V
V
GFX_MIN
VID<4:0> = 11111
-
0.41200
-
V
VID Voltage Step
VID<4:0> = 00000 to 11110 (1.28750V to
0.51500V)
-
25.75
-
mV/step
VID<4:0> = 11110 to 11111 (0.51500V to
0.41200V)
-
103
-
mV
System Accuracy
VID = 1.28750V to 0.74675V
TA = 0°C to +100°C
-0.5
-
0.5
%
VID = 0.72100V to 0.51500V
TA = 0°C to +100°C
-1.0
-
1.0
%
VID = 0.41200
TA = 0°C to +100°C
-2.0
-
2.0
%
PWM
Nominal Frequency
F
SW
RFSET = 7kΩ, VCOMP = 2V
318
333
348
kHz
ISL6263


Similar Part No. - ISL6263

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6263 RENESAS-ISL6263 Datasheet
799Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263A INTERSIL-ISL6263A Datasheet
490Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
logo
Renesas Technology Corp
ISL6263A RENESAS-ISL6263A Datasheet
841Kb / 20P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263ACRZ INTERSIL-ISL6263ACRZ Datasheet
490Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
logo
Renesas Technology Corp
ISL6263ACRZ RENESAS-ISL6263ACRZ Datasheet
841Kb / 20P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
More results

Similar Description - ISL6263

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6263 RENESAS-ISL6263 Datasheet
799Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
ISL6263B RENESAS-ISL6263B Datasheet
772Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263A RENESAS-ISL6263A Datasheet
841Kb / 20P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263A INTERSIL-ISL6263A Datasheet
490Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263B INTERSIL-ISL6263B Datasheet
478Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
ISL6262ACRZ INTERSIL-ISL6262ACRZ Datasheet
631Kb / 28P
   Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
logo
Renesas Technology Corp
ISL6262A RENESAS-ISL6262A Datasheet
1Mb / 28P
   Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
logo
Intersil Corporation
ISL6262A INTERSIL-ISL6262A Datasheet
630Kb / 28P
   Two-Phase Core Controller Santa Rosa, IMVP-6
ISL6263C INTERSIL-ISL6263C Datasheet
549Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
logo
Renesas Technology Corp
ISL6263C RENESAS-ISL6263C Datasheet
762Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com