Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8502 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL8502
Description  2A Synchronous Buck Regulator with Integrated MOSFETs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8502 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL8502 Datasheet HTML 2Page - Intersil Corporation ISL8502 Datasheet HTML 3Page - Intersil Corporation ISL8502 Datasheet HTML 4Page - Intersil Corporation ISL8502 Datasheet HTML 5Page - Intersil Corporation ISL8502 Datasheet HTML 6Page - Intersil Corporation ISL8502 Datasheet HTML 7Page - Intersil Corporation ISL8502 Datasheet HTML 8Page - Intersil Corporation ISL8502 Datasheet HTML 9Page - Intersil Corporation ISL8502 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
FN6389.0
January 17, 2007
Ramp Amplitude
ΔV
OSC
VIN = 5V
0.470
V
Modulator Gain
VVIN/ΔVOSC
By Design
8
-
Maximum Duty Cycle
DMAX
fOSC = 500kHz
88
%
Maximum Duty Cycle
DMAX
fOSC = 1.2MHz
76
%
REFERENCE VOLTAGE
Reference Voltage
VREF
0.600
V
System Accuracy
-1.0
+1.0
%
FB Pin Bias Current
±80
±200
nA
SOFT-START
Soft-Start Current
ISS
20
30
40
μA
Enable Soft-Start Threshold
0.8
1.0
1.2
V
Enable Soft-Start Threshold Hysteresis
12
mV
Enable Soft-Start Voltage High
2.8
3.2
3.8
V
ERROR AMPLIFIER
DC Gain
Note 3
88
dB
Gain-Bandwidth Product
GBWP
Note 3
15
MHz
Maximum Output Voltage
3.9
4.4
V
Slew Rate
SR
5
V/
μs
INTERNAL MOSFETS
Upper MOSFET rDS(ON)
rDS_Upper
VCC = 5V
180
m
Ω
Lower MOSFET rDS(ON)
rDS_Lower
VCC = 5V
90
m
Ω
PGOOD
PGOOD Threshold
VFB/VREF
Rising Edge Hysteresis 1%
107
111
115
%
Falling Edge Hysteresis 1%
86
90
93
%
PGOOD Rising Delay
tPGOOD_DELAY
fOSC = 500kHz
250
ms
PGOOD Leakage Current
VPGOOD = 5.5V
5
μA
PGOOD Low Voltage
VPGOOD
Note 3
0.10
V
PGOOD Sinking Current
IPGOOD
Note 3
0.5
mA
PROTECTION
Positive Current Limit
IPOC
VCC = 5V, IOC from PHASE to PGND.
Notes 3, 6
2.8
3.5
4.0
A
Negative Current Limit
INOC
VCC = 5V, IOC from VIN to PHASE.
Notes 3, 6
2.2
3.0
3.5
A
Undervoltage Level
VFB/VREF
76
80
84
%
Thermal Shutdown Setpoint
TSD
Note 3
150
°C
Thermal Recovery Setpoint
TSR
Note 3
130
°C
Electrical Specifications
Refer to Block and Simplified Power System Diagrams and Typical Application Schematics. Operating
Conditions Unless Otherwise Noted: Vin = 12V, or VCC = 5V ±10%, TA = -40°C to +85°C. Typical are at
TA = +25°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL8502


Similar Part No. - ISL8502

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8502 RENESAS-ISL8502 Datasheet
960Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Intersil Corporation
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502A RENESAS-ISL8502A Datasheet
1,023Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Intersil Corporation
ISL8502AEVAL1Z INTERSIL-ISL8502AEVAL1Z Datasheet
731Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502AEVAL1Z RENESAS-ISL8502AEVAL1Z Datasheet
1,023Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
More results

Similar Description - ISL8502

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8502 RENESAS-ISL8502 Datasheet
960Kb / 19P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Intersil Corporation
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Altera Corporation
ER2120QI ALTERA-ER2120QI Datasheet
1Mb / 24P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502A RENESAS-ISL8502A Datasheet
1,023Kb / 20P
   2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Maxim Integrated Produc...
MAX20050 MAXIM-MAX20050 Datasheet
654Kb / 23P
   2A Synchronous-Buck LED Drivers with Integrated MOSFETs
Rev 19; 7/21
logo
Renesas Technology Corp
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
   6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
logo
Intersil Corporation
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
ISL95210 INTERSIL-ISL95210 Datasheet
1Mb / 19P
   10A Synchronous Buck Regulator with Integrated Power MOSFETs
ISL65426 INTERSIL-ISL65426 Datasheet
792Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
ISL65426 INTERSIL-ISL65426_07 Datasheet
802Kb / 22P
   6A Dual Synchronous Buck Regulator with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com