Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6263AIRZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6263AIRZ-T
Description  5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6263AIRZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6263AIRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6263AIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6263AIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6263AIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6263AIRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6263AIRZ-T Datasheet HTML 9Page - Intersil Corporation ISL6263AIRZ-T Datasheet HTML 10Page - Intersil Corporation ISL6263AIRZ-T Datasheet HTML 11Page - Intersil Corporation ISL6263AIRZ-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
FN9284.3
July 8, 2010
LGATE Source Resistance (Note 7)
RLGSRC
500mA Source Current
1.0
1.5
Ω
LGATE Source Current (Note 7)
ILGSRC
VLGATE_PGND = 2.5V
2.0
A
LGATE Sink Resistance (Note 7)
RLGSNK
500mA Sink Current
0.5
0.9
Ω
LGATE Sink Current (Note 7)
ILGSNK
VLGATE_PGND = 2.5V
4.0
A
UGATE Pull-Down Resistor
RPD
1.1
k
Ω
UGATE Turn-On Propagation Delay
tPDRU
PVCC = 5V, UGATE open
30
ns
LGATE Turn-On Propagation Delay
tPDRL
PVCC = 5V, LGATE open
15
ns
BOOTSTRAP DIODE
Forward Voltage
VF
PVCC = 5V, IF = 10mA
0.56
0.69
0.795
V
Reverse Leakage
IR
VR = 16V
5.0
µA
POWER GOOD and PROTECTION MONITOR
PGOOD Low Voltage
VPGOOD
IPGOOD = 4mA
0.11
0.40
V
PGOOD Leakage Current
IPGOOD
VPGOOD = 3.3V
-1.0
1.0
µA
Overvoltage Threshold (VO-VSOFT)
VOVP
VO rising above VSOFT >1ms
155
195
235
mV
Severe Overvoltage Threshold
VOVPS
VO rising above 1.55V reference
>0.5µs
1.525
1.550
1.575
V
OCSET Reference Current
IOCSET
RRBIAS = 150kΩ
9.9
10.1
10.3
µA
OCSET Voltage Threshold Offset
VOCSET_OFS VDROOP rising above VOCSET
>120µs
-3
3
mV
Undervoltage Threshold (VSOFT-VO)
VUVF
VO falling below VSOFT for >1ms
-360
-300
-240
mV
CONTROL INPUTS
VR_ON Input Low
VVR_ONL
1
V
VR_ON Input High
VVR_ONH
2.3
V
AF_EN Input Low
VAF_ENL
1
V
AF_EN Input High
VAF_ENH
2.3
V
VR_ON Leakage
IVR_ONL
VVR_ON = 0V
-1.0
0µA
IVR_ONH
VVR_ON = 3.3V
0
1.0
µA
AF_EN Leakage
IAF_ENL
VAF_EN = 0V
-1.0
0µA
IAF_ENH
VAF_EN = 3.3V
0.45
1.0
µA
VID<4:0> Input Low
VVIDL
0.4
V
VID<4:0> Input High
VVIDH
0.7
V
FDE Input Low
VFDEL
0.3
V
FDE Input High
VFDEH
0.7
V
VID<4:0> Leakage
IVIDL
VVID = 0V
-1.0
0µA
IVIDH
VVID = 1.0V
0.45
1.0
µA
FDE Leakage
IFDEL
VFDE = 0V
-1.0
0µA
IFDEH
VFDE = 1.0V
0.45
1.0
µA
NOTES:
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
7. Limits established by characterization and are not production tested.
Electrical Specifications
These specifications apply for TA = -40°C to +100°C, unless otherwise stated. All typical specifications
TA = +25°C, VDD = 5V, PVCC = 5V. Boldface limits apply over the operating temperature range,
-40°C to +100°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
ISL6263A


Similar Part No. - ISL6263AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6263AIRZ-T RENESAS-ISL6263AIRZ-T Datasheet
841Kb / 20P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
More results

Similar Description - ISL6263AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6263A RENESAS-ISL6263A Datasheet
841Kb / 20P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263 RENESAS-ISL6263 Datasheet
799Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
ISL6263B RENESAS-ISL6263B Datasheet
772Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263 INTERSIL-ISL6263 Datasheet
493Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
ISL6263B INTERSIL-ISL6263B Datasheet
478Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263C INTERSIL-ISL6263C Datasheet
549Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
logo
Renesas Technology Corp
ISL6263C RENESAS-ISL6263C Datasheet
762Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
logo
Intersil Corporation
ISL6262ACRZ INTERSIL-ISL6262ACRZ Datasheet
631Kb / 28P
   Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
logo
Renesas Technology Corp
ISL6262A RENESAS-ISL6262A Datasheet
1Mb / 28P
   Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
logo
Intersil Corporation
ISL6262A INTERSIL-ISL6262A Datasheet
630Kb / 28P
   Two-Phase Core Controller Santa Rosa, IMVP-6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com