Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6537 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6537
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6537 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6537 Datasheet HTML 3Page - Intersil Corporation ISL6537 Datasheet HTML 4Page - Intersil Corporation ISL6537 Datasheet HTML 5Page - Intersil Corporation ISL6537 Datasheet HTML 6Page - Intersil Corporation ISL6537 Datasheet HTML 7Page - Intersil Corporation ISL6537 Datasheet HTML 8Page - Intersil Corporation ISL6537 Datasheet HTML 9Page - Intersil Corporation ISL6537 Datasheet HTML 10Page - Intersil Corporation ISL6537 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN9142.4
February 8, 2005
BOOT (Pin 25)
This pin provides ground referenced bias voltage to the
upper MOSFET driver. A bootstrap circuit is used to create a
voltage suitable to drive a logic-level N-channel MOSFET.
FB2 (Pin 11)
Connect the output of the VTT_GMCH/CPU linear regulator to
this pin through a properly sized resistor divider. The voltage
at this pin is regulated to 0.8V. This pin is monitored for
under-voltage events.
DRIVE2 (Pin 10)
This pin provides the gate voltage for the VTT_GMCH/CPU
linear regulator pass transistor. Connect this pin to the gate
terminal of an external N-Channel MOSFET transistor.
FB3 (Pin 18)
Connect the output of the lower VGMCH linear regulator to
this pin through a properly sized resistor divider. The voltage
at this pin is regulated to 0.8V. This pin is monitored for
under-voltage events.
DRIVE3 (Pin 19)
This pin provides the gate voltage for the lower VGMCH
linear regulator pass transistor. Connect this pin to the gate
terminal of an external N-Channel MOSFET transistor.
FB4 (Pin 20)
Connect the output of the upper VGMCH linear regulator to
this pin. The voltage at this pin is regulated via the RAFADJ4
pin.
DRIVE4 (Pin 21)
This pin provides the gate voltage for the upper VGMCH
linear regulator pass transistor. Connect this pin to the gate
terminal of an external N-Channel MOSFET transistor.
REFADJ4 (Pin 20)
This pin controls the reference for the upper VGMCH linear
regulator. To insure that both upper and lower pass
transistors dissipate the same power, tie this pin to the
VGMCH output rail.
VIDPGD (Pin 12)
The VIDPGD pin is an open-drain logic output that changes
to a logic low if the VTT_GMCH/CPU linear regulator is out of
regulation in S0/S1/S2 state. VIDPGD will always be low in
any state other than S0/S1/S2.
S5# (Pin 23)
This pin accepts the SLP_S5# sleep state signal.
S3# (Pin 2)
This pin accepts the SLP_S3# sleep state signal.
Functional Description
Overview
The ISL6537 provides complete control, drive, protection
and ACPI compliance for a regulator powering DDR memory
systems and the GMCH core and GMCH/CPU termination
rails. It is primarily designed for computer applications
powered from an ATX power supply.
A 250kHz Synchronous Buck Regulator with a precision
0.8V reference provides the proper Core voltage to the
system memory of the computer. An internal LDO regulator
with the ability to both sink and source current and an
externally available buffered reference that tracks the VDDQ
output by 50% provides the VTT termination voltage.
A dual stage LDO controller provides the GMCH core
voltage. A third LDO controller is included for the regulation
of the GMCH/CPU termination rail.
ACPI compliance is realized through the SLP_S3 and
SLP_S5 sleep signals and through monitoring of the 12V
ATX bus.
Initialization
The ISL6537 automatically initializes upon receipt of input
power. Special sequencing of the input supplies is not
necessary. The Power-On Reset (POR) function continually
monitors the input bias supply voltages. The POR monitors
the bias voltage at the 5VSBY and P12V pins. The POR
function initiates soft-start operation after the bias supply
voltages exceed their POR thresholds.
ACPI State Transitions
Figure 1 shows how the individual regulators are controlled
during all state transitions. All references to timing in this
section are in reference to Figure 1.
Cold Start (S4/S5 to S0 Transition)
At the onset of a mechanical start, time t0 in Figure 1, the
ISL6537 receives its bias voltage from the 5V Standby bus
(5VSBY). Once the 5VSBY rail has exceeded the POR
threshold, the ISL6537 will remain in an internal S5 state
until both the SLP_S3 and SLP_S5 signal have transitioned
high and the 12V POR threshold has been exceeded by the
+12V rail from the ATX, which occurs at time t1.
Once all of these conditions are met, the PWM error
amplifier will first be reset by internally shorting the COMP
pin to the FB pin. This reset lasts for three soft start cycles,
which is typically 24ms (one soft start cycle is typically
8.2ms). The digital soft start sequence will then begin. Each
regulator is enabled and soft-started according to a preset
sequence.
At time t2, the 3 soft-start cycle reset has ended and the
VDDQ_DDR rail and the upper VGMCH LDO are digitally soft-
started.
ISL6537


Similar Part No. - ISL6537

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6537 RENESAS-ISL6537 Datasheet
900Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537A INTERSIL-ISL6537A Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6537A INTERSIL-ISL6537A Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6537A RENESAS-ISL6537A Datasheet
831Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACR INTERSIL-ISL6537ACR Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results

Similar Description - ISL6537

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548_06 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com