Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6125EVAL1Z Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6125EVAL1Z
Description  Power Sequencing Controllers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6125EVAL1Z Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6125EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL6125EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL6125EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL6125EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL6125EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL6125EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL6125EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL6125EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL6125EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128, ISL6130
2
FN9005.11
August 25, 2011
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
ISL6123IRZA
61 23IRZ
-40 to +85
24 Ld 4x4 QFN
L24.4x4
ISL6124IRZA
61 24IRZ
-40 to +85
24 Ld 4x4 QFN
L24.4x4
ISL6125IRZA
61 25IRZ
-40 to +85
24 Ld 4x4 QFN
L24.4x4
ISL6126IRZA
61 26IRZ
-40 to +85
24 Ld 4x4 QFN
L24.4x4
ISL6127IRZA
61 27IRZ
-40 to +85
24 Ld 4x4 QFN
L24.4x4
ISL6128IRZA
61 28IRZ
-40 to +85
24 Ld 4x4 QFN
L24.4x4
ISL6130IRZA
61 30IRZ
-40 to +85
24 Ld 4x4 QFN
L24.4x4
ISL6123EVAL1Z
ISL6123 Evaluation Platform
ISL6125EVAL1Z
ISL6125 Evaluation Platform
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128, ISL6130. For
more information on MSL please see Tech Brief TB363.
FIGURE 2. TYPICAL ISL6123 APPLICATION
USAGE
FIGURE 3. ISL6123 BLOCK DIAGRAM (1/4)
AOUT
AIN
BIN
CIN
DIN
BOUT
COUT
DOUT
UVLO_B
UVLO_A
UVLO_D
UVLO_C
ENABLE
SYSRST
GROUND
RESET
VDD
EN
SYSRST
UVLOX
0.633V
RESET
DLY_ONX
1.26V
DLY_OFFX
1.26V
GATEX
LOGIC
1µA
BIAS
LOCK OUT
VDD
RISING DELAY
VDD+5V
Q-PUMP
1µA
1µA
-1µA
30µs
FILTER
150ms
RISING DELAY
10ms


Similar Part No. - ISL6125EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6125EVAL1Z RENESAS-ISL6125EVAL1Z Datasheet
1Mb / 23P
   Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four Power Supplies (0.7V to 5V)
More results

Similar Description - ISL6125EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123_07 Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
   Power Sequencing Controllers
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
   Power Sequencing Controllers
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
   Power Sequencing Controllers
logo
Supertex, Inc
HV302 SUTEX-HV302 Datasheet
618Kb / 10P
   Sequencing Hotswap Controllers
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
   Power Sequencing Controller
logo
RF Micro Devices
RFPA1545 RFMD-RFPA1545 Datasheet
2Mb / 19P
   No Power Supply Sequencing
logo
Supertex, Inc
PS10 SUTEX-PS10 Datasheet
271Kb / 13P
   Quad Power Sequencing Controller
PS12 SUTEX-PS12 Datasheet
933Kb / 10P
   Quad Power Sequencing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com