Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6263BHRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6263BHRZ
Description  5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6263BHRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6263BHRZ Datasheet HTML 4Page - Intersil Corporation ISL6263BHRZ Datasheet HTML 5Page - Intersil Corporation ISL6263BHRZ Datasheet HTML 6Page - Intersil Corporation ISL6263BHRZ Datasheet HTML 7Page - Intersil Corporation ISL6263BHRZ Datasheet HTML 8Page - Intersil Corporation ISL6263BHRZ Datasheet HTML 9Page - Intersil Corporation ISL6263BHRZ Datasheet HTML 10Page - Intersil Corporation ISL6263BHRZ Datasheet HTML 11Page - Intersil Corporation ISL6263BHRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
FN6388.3
July 8, 2010
Functional Pin Descriptions
RBIAS (Pin 1) - Sets the internal 10µA current reference.
Connect a 150k
Ω ±1% resistor from RBIAS to VSS.
SOFT (Pin 2) - Sets the output voltage slew-rate. Connect
an X5R or X7R ceramic capacitor from SOFT to VSS. The
SOFT pin is the non-inverting input of the error amplifier.
OCSET (Pin 3) - Sets the overcurrent threshold. Connect a
resistor from OCSET to VO.
VW (Pin 4) - Sets the static PWM switching frequency in
continuous conduction mode. Connect a resistor from VW to
COMP.
COMP (Pin 5) - Connects to the output of the control loop
error amplifier.
FB (Pin 6) - Connects to the inverting input of the control
loop error amplifier.
VDIFF (Pin 7) - Connects to the output of the VDIFF
differential-summing amplifier.
VSEN (Pin 8) - This is the VCC_SNS input of the processor
socket Kelvin connection. Connects internally to one of two
non-inverting inputs of the VDIFF differential-summing
amplifier.
RTN (Pin 9) - This is the VSS_SNS input of the processor
socket Kelvin connection. Connects internally to one of two
inverting inputs of the VDIFF differential-summing amplifier.
DROOP (Pin 10) - Connects to the output of the droop
differential amplifier and to one of two non-inverting inputs of
the VDIFF differential-summing amplifier.
DFB (Pin 11) - This is the feedback of the droop amplifier.
Connects internally to the inverting input of the droop
differential amplifier.
VO (Pin 12) - Connects to one of two inverting inputs of the
VDIFF differential-summing amplifier.
VSUM (Pin 13) - Connects to the non-inverting input of the
droop differential amplifier.
VIN (Pin 14) - Connects to the R3 PWM modulator providing
input voltage feed-forward. For optimum input voltage
transient response, connect near the drain of the high-side
MOSFETs.
VSS (Pin 15) - Analog ground.
VDD (Pin 16) - Input power supply for the IC. Connect to
+5VDC and decouple with at least a 1µF MLCC capacitor
from the VDD pin to the VSS pin.
BOOT (Pin 17) - Input power supply for the high-side
MOSFET gate driver. Connect an MLCC bootstrap capacitor
from the BOOT pin to the PHASE pin.
UGATE (Pin 18) - High-side MOSFET gate driver output.
Connect to the gate of the high-side MOSFET.
PHASE (Pin 19) - Current return path for the UGATE
high-side MOSFET gate driver. Detects the polarity of the
PHASE node voltage for diode emulation. Connect the
PHASE pin to the drains of the low-side MOSFETs.
PGND (Pin 20) - Current return path for the LGATE low-side
MOSFET gate driver. The PGND pin only conducts current
when LGATE pulls down. Connect the PGND pin to the
sources of the low-side MOSFETs.
LGATE (Pin 21) - Low-side MOSFET gate driver output.
Connect to the gate of the low-side MOSFET.
PVCC (Pin 22) - Input power supply for the low-side
MOSFET gate driver, and the high-side MOSFET gate
driver, via the internal bootstrap diode connected between
the PVCC and BOOT pins. Connect to +5VDC and decouple
with at least 1µF of an MLCC capacitor from the PVCC pin to
the PGND pin.
VID0:VID4 (Pin 23:Pin 27) - Voltage identification inputs.
VID0 input is the least significant bit (LSB) and VID4 input is
the most significant bit (MSB).
IMON (Pin 28) - A voltage signal proportional to the output
current of the converter.
VR_ON (Pin 29) - A high logic signal on this pin enables the
converter and a low logic signal disables the converter.
AF_EN (Pin 30) - Used in conjunction with VID0:VID4 and
FDE pins to program the diode-emulation and audio filter
behavior. Refer to Table 1.
PGOOD (Pin 31) - The PGOOD pin is an open-drain output
that indicates when the converter is able to supply regulated
voltage. Connect the PGOOD pin to a maximum of 5V
through a pull-up resistor.
FDE (Pin 32) - Used in conjunction with VID0:VID4 and
AF_EN pins to program the diode-emulation and audio filter
behavior. Refer to Table 1.
BOTTOM - Connects to substrate. Electrically isolated but
should be connected to VSS. Requires best practical
thermal coupling to PCB.
TABLE 1. DIODE-EMULATION MODE AND AUDIO-FILTER
RENDER
MODE
FDE AF_EN
DEM
STATUS
VOLTAGE
WINDOW
AUDIO
FILTER
PERFORMANCE
0-
DISABLED
NOM
-
1-
ENABLED
130% NOM
-
SUSPEND
-0
ENABLED
150% NOM
-
11
ENABLED
130% NOM
-
01
ENABLED
130% NOM ENABLED
ISL6263B


Similar Part No. - ISL6263BHRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6263BHRZ RENESAS-ISL6263BHRZ Datasheet
772Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263BHRZ-T RENESAS-ISL6263BHRZ-T Datasheet
772Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
More results

Similar Description - ISL6263BHRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6263B RENESAS-ISL6263B Datasheet
772Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263 RENESAS-ISL6263 Datasheet
799Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263 INTERSIL-ISL6263 Datasheet
493Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
logo
Renesas Technology Corp
ISL6263A RENESAS-ISL6263A Datasheet
841Kb / 20P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263A INTERSIL-ISL6263A Datasheet
490Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263C INTERSIL-ISL6263C Datasheet
549Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
logo
Renesas Technology Corp
ISL6263C RENESAS-ISL6263C Datasheet
762Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
logo
Intersil Corporation
ISL6262ACRZ INTERSIL-ISL6262ACRZ Datasheet
631Kb / 28P
   Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
logo
Renesas Technology Corp
ISL6263D RENESAS-ISL6263D Datasheet
778Kb / 18P
   3-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
ISL6262A RENESAS-ISL6262A Datasheet
1Mb / 28P
   Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com