Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62383 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL62383
Description  High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62383 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL62383 Datasheet HTML 1Page - Intersil Corporation ISL62383 Datasheet HTML 2Page - Intersil Corporation ISL62383 Datasheet HTML 3Page - Intersil Corporation ISL62383 Datasheet HTML 4Page - Intersil Corporation ISL62383 Datasheet HTML 5Page - Intersil Corporation ISL62383 Datasheet HTML 6Page - Intersil Corporation ISL62383 Datasheet HTML 7Page - Intersil Corporation ISL62383 Datasheet HTML 8Page - Intersil Corporation ISL62383 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
FN6665.4
August 7, 2008
CONTROL
FCCM Input Voltage
Low level (DCM enabled)
-
-
0.8
V
Float level (DCM with audio filter)
1.9
-
2.1
V
High level (Forced CCM)
2.4
-
-
V
FCCM Input Leakage Current
FCCM = GND or VCC1
-2
-
2
µA
Audio Filter Switching Frequency (Note 3)
FCCM floating
-
28
-
KHz
EN Input Voltage
Clear fault level/SMPS OFF level
-
-
0.8
V
Delay start level
1.9
-
2.1
V
SMPS ON level
2.4
-
-
V
EN Input Leakage Current
EN = GND or VCC1
-3.5
-
3.5
µA
ISEN Input Impedance (Note 3)
EN = VCC1
-
600
-
k
Ω
ISEN Input Leakage Current (Note 3)
EN = GND
-
0.1
-
µA
PROTECTION
OCSET Input Impedance (Note 3)
EN = VCC1
-
600
-
k
Ω
OCSET Input Leakage Current (Note 3)
EN = GND
-
0.1
-
µA
OCSET Current Source
EN = VCC1
9
10.0
10.5
µA
OCP (VOCSET-VISEN) Threshold
-1.75
0.0
1.75
mV
UVP Threshold
Falling edge, referenced to FB
81
84
87
%
OVP Threshold
Rising edge, referenced to FB
113
116
120
%
Falling edge, referenced to FB
99.5
103
106
%
OTP Threshold (Note 3)
Rising edge
-
150
-
°C
Falling edge
-
135
-
°C
Electrical Specifications
These specifications apply for TA = -10°C to +100°C, unless otherwise noted. Typical values are at TA = +25°C,
VIN = 12V; Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified.
Temperature limits established by characterization and are not production tested (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISL62381, ISL62382, ISL62383


Similar Part No. - ISL62383

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62383 INTERSIL-ISL62383 Datasheet
521Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62383 RENESAS-ISL62383 Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62383C INTERSIL-ISL62383C Datasheet
521Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62383C RENESAS-ISL62383C Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62383CHRTZ INTERSIL-ISL62383CHRTZ Datasheet
521Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
More results

Similar Description - ISL62383

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62381 INTERSIL-ISL62381_11 Datasheet
521Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
   Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com