Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6128IRZA Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6128IRZA
Description  Power Sequencing Controllers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6128IRZA Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6128IRZA Datasheet HTML 1Page - Intersil Corporation ISL6128IRZA Datasheet HTML 2Page - Intersil Corporation ISL6128IRZA Datasheet HTML 3Page - Intersil Corporation ISL6128IRZA Datasheet HTML 4Page - Intersil Corporation ISL6128IRZA Datasheet HTML 5Page - Intersil Corporation ISL6128IRZA Datasheet HTML 6Page - Intersil Corporation ISL6128IRZA Datasheet HTML 7Page - Intersil Corporation ISL6128IRZA Datasheet HTML 8Page - Intersil Corporation ISL6128IRZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
Power Sequencing Controllers
ISL6123, ISL6124, ISL6125,
ISL6126, ISL6127, ISL6128,
ISL6130
The Intersil ISL6123, ISL6124, ISL6125, ISL6126, ISL6127,
ISL6128 and ISL6130 are integrated 4-channel
controlled-on/controlled-off power-supply sequencers with
supply monitoring, fault protection and a “sequence completed”
signal (RESET). For larger systems, more than four supplies can
be sequenced by simply connecting a wire between the
SYSRESET pins of cascaded ICs. The ISL6125 uses four
open-drain outputs to control the on/off sequencing of four
supplies. The other sequencers use a patented, micropower 7x
charge pump to drive four external low-cost NFET switch gates
above the supply rail by 5.3V. These ICs can be biased from 5V
down to 1.5V by any supply.
The 4-channel ISL6123 (ENABLE input), ISL6124 (ENABLE
input) and ISL6125 offer the designer 4-rail control when all
four rails must be in minimal compliance before turn-on and
during operation. The ISL6123 and ISL6130 have a low-power
standby mode when disabled, which is suitable for
battery-powered applications.
The ISL6125 operates like the ISL6124, but instead of
charge-pump-driven gate drive outputs, it has open-drain logic
outputs for direct interface to other circuitry.
In contrast, for the ISL6126 and ISL6130, each of the four
channels operates independently. Each GATE turns on once its
individually associated input voltage requirements are met.
The ISL6127 is a pre-programmed A-B-C-D turn-on and D-C-B-A
turn-off sequenced IC. Once all inputs are in compliance and
ENABLE is asserted, sequencing begins. Each subsequent GATE
turns on after the previous one turns on.
The ISL6128 has two groups of two channels, each with its
independent I/O. It is ideal for voltage sequencing into
redundant capability loads. All four inputs must be satisfied
before turn-on, but a single group fault is ignored by the other
group.
External resistors provide flexible voltage threshold
programming of monitored rail voltages. Delay and
sequencing are provided by external capacitors for ramp-up
and ramp-down.
Additional I/O is provided for indicating and driving the RESET
state in various configurations.
For volume applications, other programmable options and
features are available. Contact Intersil sales support with your
needs.
Features
• Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four
Power Supplies (0.7V to 5V)
• Operates From 1.5V to 5V Supply Voltage
• Supplies VDD +5.3V of Charge Pumped Gate Drive
• Adjustable Voltage Slew Rate for Each Rail
• Multiple Sequencers Can be Daisy-Chained to Sequence an
Infinite Number of Independent Supplies
• Glitch Immunity
• Undervoltage Lockout for Each Supply
• 1µA Sleep State (ISL6123, ISL6130)
• Active High (ISL6123, ISL6130) ENABLE or Low (ISL6124,
ISL6125, ISL6126, ISL6127, ISL6128) ENABLE Input
• Open Drain Version Available (ISL6125)
• Voltage-determined Sequence (ISL6126, ISL6130)
• Pre-programmed Sequence Available (ISL6127)
• Dual Channel Groupings (ISL6128)
•QFN Package
• Pb-free (RoHS-compliant)
Applications
• Graphics Cards
• FPGA/ASIC/Microprocessor/PowerPC Supply Sequencing
•Network Routers
• Telecommunications Systems
FIGURE 1. TYPICAL ISL6123 APPLICATION
AOUT
AIN
BIN
CIN
DIN
BOUT
COUT
DOUT
UVLO_B
UVLO_A
UVLO_D
UVLO_C
ENABLE
SYSRST
GROUND
RESET
VDD
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2001, 2003-2008, 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
August 25, 2011
FN9005.11


Similar Part No. - ISL6128IRZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6128IRZA INTERSIL-ISL6128IRZA Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
ISL6128IRZA INTERSIL-ISL6128IRZA Datasheet
502Kb / 21P
   Power Sequencing Controllers
logo
Renesas Technology Corp
ISL6128IRZA RENESAS-ISL6128IRZA Datasheet
1Mb / 23P
   Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four Power Supplies (0.7V to 5V)
More results

Similar Description - ISL6128IRZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123_07 Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
   Power Sequencing Controllers
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
   Power Sequencing Controllers
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
   Power Sequencing Controllers
logo
Supertex, Inc
HV302 SUTEX-HV302 Datasheet
618Kb / 10P
   Sequencing Hotswap Controllers
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
   Power Sequencing Controller
logo
RF Micro Devices
RFPA1545 RFMD-RFPA1545 Datasheet
2Mb / 19P
   No Power Supply Sequencing
logo
Supertex, Inc
PS10 SUTEX-PS10 Datasheet
271Kb / 13P
   Quad Power Sequencing Controller
PS12 SUTEX-PS12 Datasheet
933Kb / 10P
   Quad Power Sequencing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com