Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL88731HRZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL88731HRZ
Description  SMBus Level 2 Battery Charger
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88731HRZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL88731HRZ Datasheet HTML 1Page - Intersil Corporation ISL88731HRZ Datasheet HTML 2Page - Intersil Corporation ISL88731HRZ Datasheet HTML 3Page - Intersil Corporation ISL88731HRZ Datasheet HTML 4Page - Intersil Corporation ISL88731HRZ Datasheet HTML 5Page - Intersil Corporation ISL88731HRZ Datasheet HTML 6Page - Intersil Corporation ISL88731HRZ Datasheet HTML 7Page - Intersil Corporation ISL88731HRZ Datasheet HTML 8Page - Intersil Corporation ISL88731HRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
FN9258.0
November 20, 2006
Absolute Maximum Ratings
DCIN, CSSP, CSSN, CSOP, CSON, VFB . . . . . . . . . . -0.3V to +28V
CSSP-CSSN, CSOP-CSON, PGND-GND. . . . . . . . . -0.3V to +0.3V
PHASE to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -6V to +30V
BOOT to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +33V
BOOT to PHASE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
UGATE . . . . . . . . . . . . . . . . . . . . . . . . PHASE-0.3V to BOOT+0.3V
LGATE . . . . . . . . . . . . . . . . . . . . . . . . . PGND-0.3V to VDDP+0.3V
ICOMP, VCOMP, VREF, to GND . . . . . . . . . . . . -0.3V to VCC+0.3V
VDDSMB, SCL, SDA, ACIN, ACOK . . . . . . . . . . . . . . . -0.3V to +6V
VDDP, ICM, VCC to GND, VDDP to PGND. . . . . . . . . . -0.3V to +6V
Thermal Information
Thermal Resistance (Typical, Notes 1, 2)
θJA (°C/W) θJC (°C/W)
QFN Package. . . . . . . . . . . . . . . . . . . .
39
9.5
Junction Temperature Range. . . . . . . . . . . . . . . . . . -55
°C to +150°C
Operating Temperature Range . . . . . . . . . . . . . . . . -10
°C to +100°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65
°C to +150°C
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . +300°C
CAUTION: Stress above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational section of this specification is not implied.
+150
°C max junction temperature is intended for short periods of time to prevent shortening the lifetime. Operation close to +150°C junction may trigger the shutdown of
the device even before +150
°C, since this number is specified as typical.
1.
θ
JA is measured with the component mounted on a highly effective thermal conductivity test board on free air. See Tech Brief TB379 for details.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
DCIN = CSSP = CSSN = 18V, CSOP = CSON = 12V, VDDP = 5V, BOOT-PHASE = 5.0V, GND = PGND = 0V,
CVDDP = 1µF, IVDDP = 0mA, TA = -10°C to +100°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CHARGE VOLTAGE REGULATION
Battery Full Charge Voltage and Accuracy ChargeVoltage = 0x41A0
16.716
16.8
16.884
V
-0.5
0.5
%
ChargeVoltage = 0x3130
12.529
12.592
12.655
V
-0.5
0.5
%
ChargeVoltage = 0x20D0
8.350
8.4
8.450
V
-0.6
0.6
%
ChargeVoltage = 0x1060
4.163
4.192
4.221
V
-0.7
0.7
%
Battery Undervoltage Lockout Trip Point
for Trickle Charge
VFB rising
2.55
2.7
2.85
V
Battery Undervoltage Lockout Trip Point
Hysteresis
100
250
400
mV
CHARGE CURRENT REGULATION
CSOP to CSON Full-Scale Current-Sense
Voltage
78.22
80.64
83.06
mV
Charge Current and Accuracy
RS2 = 10m
Ω (see Figure 2)
ChargingCurrent = 0x1f80
7.822
8.064
8.306
A
-3
3
%
RS2 = 10m
Ω (see Figure 2)
ChargingCurrent = 0x0f80
3.809
3.968
4.126
A
-4
4
%
RS2 = 10m
Ω (see Figure 2)
ChargingCurrent = 0x0080
64
128
220
mA
Charge Current Gain Error
Based on charge current = 128mA and 8.064A
-1.6
1.4
%
CSOP/CSON Input Voltage Range
0
19
V
ISL88731


Similar Part No. - ISL88731HRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88731HRZ INTERSIL-ISL88731HRZ Datasheet
806Kb / 22P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
Renesas Technology Corp
ISL88731HRZ RENESAS-ISL88731HRZ Datasheet
1Mb / 22P
   SMBus Level 2 Battery Charger
More results

Similar Description - ISL88731HRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88731A INTERSIL-ISL88731A Datasheet
490Kb / 23P
   SMBus Level 2 Battery Charger
ISL88731AHRZ INTERSIL-ISL88731AHRZ Datasheet
772Kb / 23P
   SMBus Level 2 Battery Charger
June 8, 2011
ISL88731CHRTZ INTERSIL-ISL88731CHRTZ Datasheet
897Kb / 25P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
ON Semiconductor
NCP3800V ONSEMI-NCP3800V Datasheet
221Kb / 15P
   SMBus Level 2 Battery Charger
April, 2013 ??Rev. 0
logo
Intersil Corporation
ISL88731HRZ INTERSIL-ISL88731HRZ Datasheet
806Kb / 22P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
Renesas Technology Corp
ISL88731A RENESAS-ISL88731A Datasheet
1Mb / 24P
   SMBus Level 2 Battery Charger
ISL88733 RENESAS-ISL88733 Datasheet
194Kb / 2P
   SMBus Level 2 Battery Charger
ISL88731 RENESAS-ISL88731 Datasheet
1Mb / 22P
   SMBus Level 2 Battery Charger
ISL88731C RENESAS-ISL88731C Datasheet
1Mb / 26P
   SMBus Level 2 Battery Charger
logo
Intersil Corporation
ISL88731C INTERSIL-ISL88731C Datasheet
624Kb / 25P
   SMBus Level 2 Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com