Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8483E Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL8483E
Description  ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8483E Datasheet(HTML) 2 Page - Intersil Corporation

  ISL8483E Datasheet HTML 1Page - Intersil Corporation ISL8483E Datasheet HTML 2Page - Intersil Corporation ISL8483E Datasheet HTML 3Page - Intersil Corporation ISL8483E Datasheet HTML 4Page - Intersil Corporation ISL8483E Datasheet HTML 5Page - Intersil Corporation ISL8483E Datasheet HTML 6Page - Intersil Corporation ISL8483E Datasheet HTML 7Page - Intersil Corporation ISL8483E Datasheet HTML 8Page - Intersil Corporation ISL8483E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Pinout
ISL8483E, ISL8485E (PDIP, SOIC)
TOP VIEW
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B / Z
A / Y
GND
D
R
Ordering Information
PART NO.
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG. DWG. #
ISL8483EIB
(8483EIB)
-40 to 85
8 Ld SOIC
M8.15
ISL8483EIB-T
(8483EIB)
-40 to 85
8 Ld SOIC
Tape and Reel
M8.15
ISL8483EIP
-40 to 85
8 Ld PDIP
E8.3
ISL8485ECB
(8485ECB)
0 to 70
8 Ld SOIC
M8.15
ISL8485ECB-T
(8485ECB)
0 to 70
8 Ld SOIC
Tape and Reel
M8.15
ISL8485ECP
0 to 70
8 Ld PDIP
E8.3
ISL8485EIB
(8485EIB)
-40 to 85
8 Ld SOIC
M8.15
ISL8485EIB-T
(8485EIB)
-40 to 85
8 Ld SOIC
Tape and Reel
M8.15
ISL8485EIP
-40 to 85
8 Ld PDIP
E8.3
Truth Tables
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
Z
Y
X
1101
X
1010
0
0
X
High-Z
High-Z
1
0
X
High-Z *
High-Z *
*Shutdown Mode for ISL8483E (see Note 7)
RECEIVING
INPUTS
OUTPUT
RE
DE
A-B
RO
00
≥ +0.2V
1
00
≤ -0.2V
0
0
0
Inputs Open
1
1
0
X
High-Z*
1
1
X
High-Z
*Shutdown Mode for ISL8483E (see Note 7)
Pin Descriptions
PIN
FUNCTION
RO
Receiver output: If A > B by at least 0.2V, RO is high; If A < B by 0.2V or more, RO is low; RO = High if A and B are unconnected (floating).
RE
Receiver output enable. RO is enabled when RE is low; RO is high impedance when RE is high.
DE
Driver output enable. The driver outputs, Y and Z, are enabled by bringing DE high. They are high impedance when DE is low.
DI
Driver input. A low on DI forces output Y low and output Z high. Similarly, a high on DI forces output Y high and output Z low.
GND
Ground connection.
A/Y
±15kV HBM ESD Protected, RS-485/422 level noninverting receiver input and noninverting driver output. Pin is an input (A) if DE = 0;
pin is an output (Y) if DE = 1.
B/Z
±15kV HBM ESD Protected, RS-485/422 level inverting receiver input and inverting driver output. Pin is an input (B) if DE = 0; pin is
an output (Z) if DE = 1.
VCC
System power supply input (4.5V to 5.5V).
ISL8483E, ISL8485E


Similar Part No. - ISL8483E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8483E INTERSIL-ISL8483E Datasheet
501Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483E RENESAS-ISL8483E Datasheet
856Kb / 15P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8483ECPZ INTERSIL-ISL8483ECPZ Datasheet
501Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483EIB INTERSIL-ISL8483EIB Datasheet
501Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483EIB-T INTERSIL-ISL8483EIB-T Datasheet
501Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL8483E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8483E INTERSIL-ISL8483E_05 Datasheet
501Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483E RENESAS-ISL8483E Datasheet
856Kb / 15P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
Renesas Technology Corp
ISL8488E RENESAS-ISL8488E Datasheet
727Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483 Datasheet
507Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8488E INTERSIL-ISL8488E_07 Datasheet
468Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com