Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ499 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SJ499
Description  Load Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ499 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SJ499 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ499 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ499 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ499 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SJ499
No.6589-3/4
Case Temperature, Tc --
°C
RDS(on) -- Tc
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
yfs -- ID
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
Diode Forward Voltage, VSD -- V
Total Gate Charge, Qg -- nC
Drain Current, ID -- A
VGS -- Qg
IF -- VSD
IT01948
0
--2
--4
--6
--8
--10
--12
--14
--16
--18
--20
0
20
10
40
30
60
50
80
70
100
90
--2A
ID= --5A
0
80
70
20
10
40
30
60
50
--60
--20
0
--40
20
40
60
80
100
120
140
160
IT01949
ID=
--5A,
VGS
= --10V
I D=
--2A,
V GS
= --4V
0
--5
--10
--15
--20
--25
--30
IT01952
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
IT01951
--1.0
--10
5
7
3
2
--0.1
5
7
3
2
--0.01
5
7
3
2
--100
5
7
3
2
2
3
5
7
10000
1000
100
2
3
5
7
Ciss
Coss
Crss
f=1MHz
IT01953
0
5
10
15
20
25
30
35
40
45
0
--2
--1
--4
--3
--6
--5
--8
--7
--10
--9
VDS= --10V
ID= --10A
--0.1
2
53
5
--1.0
23
5
--10
23
5
--100
--0.01 23
1.0
10
5
7
3
2
0.1
5
7
3
2
100
5
3
2
7
IT01950
Tc=
--25
°C
75
°C
VDS= --10V
25°
C
VGS=0
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
ID -- VGS
ID -- VDS
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
0
0
--2
--4
--6
--8
--10
--12
--0.2
--0.3
--0.1
--0.4
--0.5
--0.6
--0.7
--0.8
--0.9
--1.0
IT01946
VGS= --2.5V
IT01947
VDS=--10V
--4.0V
--3.5V
--3.0V
--0
--4
--2
--8
--6
--12
--10
--16
--14
--20
--18


Similar Part No. - 2SJ499

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ49 HITACHI-2SJ49 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
logo
NEC
2SJ492 NEC-2SJ492 Datasheet
72Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Guangdong Kexin Industr...
2SJ492 KEXIN-2SJ492 Datasheet
50Kb / 2P
   MOS Field Effect Transistor
logo
Renesas Technology Corp
2SJ492 RENESAS-2SJ492 Datasheet
302Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
logo
NEC
2SJ492-S NEC-2SJ492-S Datasheet
72Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
More results

Similar Description - 2SJ499

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FTD2014 SANYO-FTD2014 Datasheet
41Kb / 4P
   Load Switching Applications
FTD2022 SANYO-FTD2022 Datasheet
41Kb / 4P
   Load Switching Applications
FW133 SANYO-FW133 Datasheet
29Kb / 4P
   Load Switching Applications
FW232 SANYO-FW232 Datasheet
30Kb / 4P
   Load Switching Applications
FSS131 SANYO-FSS131 Datasheet
28Kb / 4P
   Load Switching Applications
FTD1012 SANYO-FTD1012 Datasheet
28Kb / 4P
   Load Switching Applications
FW231 SANYO-FW231 Datasheet
165Kb / 4P
   Load Switching Applications
FW236 SANYO-FW236 Datasheet
42Kb / 4P
   Load Switching Applications
FW138 SANYO-FW138 Datasheet
30Kb / 4P
   Load Switching Applications
logo
Toshiba Semiconductor
SSM3J56MFV TOSHIBA-SSM3J56MFV Datasheet
196Kb / 6P
   Load Switching Applications
SSM3K48FU TOSHIBA-SSM3K48FU Datasheet
204Kb / 5P
   Load Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com