Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6301V Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP6301V
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6301V Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP6301V Datasheet HTML 2Page - Intersil Corporation HIP6301V Datasheet HTML 3Page - Intersil Corporation HIP6301V Datasheet HTML 4Page - Intersil Corporation HIP6301V Datasheet HTML 5Page - Intersil Corporation HIP6301V Datasheet HTML 6Page - Intersil Corporation HIP6301V Datasheet HTML 7Page - Intersil Corporation HIP6301V Datasheet HTML 8Page - Intersil Corporation HIP6301V Datasheet HTML 9Page - Intersil Corporation HIP6301V Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
FN9034.2
December 27, 2004
Typical Application - HIP6301V Controller with HIP6601B Gate Drivers
VID3
VID2
VID1
VID0
FB
+5V
COMP
PWM1
PWM2
ISEN2
PWM3
PWM4
ISEN4
VSEN
FS/DIS
ISEN1
ISEN3
GND
PGOOD
VCC
VCORE
MAIN
CONTROL
HIP6301V
VID4
PWM
VCC
BOOT
UGATE
PHASE
LGATE
PVCC
GND
+12V
HIP6601B
DRIVER
VIN
PWM
VCC
BOOT
UGATE
PHASE
LGATE
PVCC
GND
+12V
HIP6601B
DRIVER
VIN
PWM
VCC
BOOT
UGATE
PHASE
LGATE
PVCC
GND
+12V
HIP6601B
DRIVER
VIN
PWM
VCC
BOOT
UGATE
PHASE
LGATE
PVCC
GND
+12V
HIP6601B
DRIVER
VIN
HIP6301V, HIP6302V
HIP6301V, HIP6302V


Similar Part No. - HIP6301V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6301V RENESAS-HIP6301V Datasheet
945Kb / 20P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6301VCB RENESAS-HIP6301VCB Datasheet
945Kb / 20P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6301VCBZ RENESAS-HIP6301VCBZ Datasheet
945Kb / 20P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6301VCBZA RENESAS-HIP6301VCBZA Datasheet
945Kb / 20P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results

Similar Description - HIP6301V

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
HIP6301 INTERSIL-HIP6301 Datasheet
191Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6553 INTERSIL-ISL6553 Datasheet
182Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com