Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6540A Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6540A
Description  Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6540A Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6540A Datasheet HTML 1Page - Intersil Corporation ISL6540A Datasheet HTML 2Page - Intersil Corporation ISL6540A Datasheet HTML 3Page - Intersil Corporation ISL6540A Datasheet HTML 4Page - Intersil Corporation ISL6540A Datasheet HTML 5Page - Intersil Corporation ISL6540A Datasheet HTML 6Page - Intersil Corporation ISL6540A Datasheet HTML 7Page - Intersil Corporation ISL6540A Datasheet HTML 8Page - Intersil Corporation ISL6540A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Block Diagram
VCC
1.8V
BOOT
UGATE
GND
PHASE
EN
OFS+
OFS-
FB
POWER-ON
RESET (POR)
COMP
MAR_CTRL
REFIN
PGND
LGATE
SOURCE
EA
PWM
PVCC
LSOC
VCC
GATE
CONTROL
LOGIC
INTERNAL SERIES
FS
VOLTAGE
REFERENCE
REFOUT
100
μA
SS
PG_DLY
PG
PGOOD
COMP
VMON
VIN
LINEAR
HSOC
100µA
OV/UV
COMP
G = -1
SINKING OCP
SOURCE OCP
VSEN+
VSEN-
LIN_DRV
EXTERNAL SERIES
LINEAR DRIVER
VFF
OSCILLATOR
SOFT-START
AND
FAULT LOGIC
OCP
OTA
G = 1
UNITY GAIN
DIFF AMP
COMP
VREF = 0.591 V
MARGINING
GND


Similar Part No. - ISL6540A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6540A RENESAS-ISL6540A Datasheet
1,001Kb / 22P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
logo
Intersil Corporation
ISL6540ACRZ INTERSIL-ISL6540ACRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL6540ACRZ RENESAS-ISL6540ACRZ Datasheet
1,001Kb / 22P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
logo
Intersil Corporation
ISL6540ACRZ-T INTERSIL-ISL6540ACRZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
ISL6540ACRZ-TS2490 INTERSIL-ISL6540ACRZ-TS2490 Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL6540A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6540 INTERSIL-ISL6540 Datasheet
438Kb / 20P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
ISL6540 INTERSIL-ISL6540_06 Datasheet
521Kb / 20P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
logo
Renesas Technology Corp
ISL6540A RENESAS-ISL6540A Datasheet
1,001Kb / 22P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
ISL6540 RENESAS-ISL6540 Datasheet
438Kb / 20P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
July 23, 2008
logo
Intersil Corporation
ISL6608CB INTERSIL-ISL6608CB Datasheet
333Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
March 2004
logo
Renesas Technology Corp
ISL6608 RENESAS-ISL6608 Datasheet
611Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
logo
Intersil Corporation
ISL8115 INTERSIL-ISL8115 Datasheet
888Kb / 24P
   High Voltage Synchronous Buck PWM Controller with Integrated Gate Driver and Current Sharing Capability
logo
Renesas Technology Corp
ISL8115 RENESAS-ISL8115 Datasheet
1Mb / 24P
   High Voltage Synchronous Buck PWM Controller with Integrated Gate Driver and Current Sharing Capability
ISL8120IR RENESAS-ISL8120IR Datasheet
1Mb / 33P
   Dual/n-Phase Buck PWM Controller with Integrated Driver
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com