Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8485ECPZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL8485ECPZ
Description  ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8485ECPZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL8485ECPZ Datasheet HTML 6Page - Intersil Corporation ISL8485ECPZ Datasheet HTML 7Page - Intersil Corporation ISL8485ECPZ Datasheet HTML 8Page - Intersil Corporation ISL8485ECPZ Datasheet HTML 9Page - Intersil Corporation ISL8485ECPZ Datasheet HTML 10Page - Intersil Corporation ISL8485ECPZ Datasheet HTML 11Page - Intersil Corporation ISL8485ECPZ Datasheet HTML 12Page - Intersil Corporation ISL8485ECPZ Datasheet HTML 13Page - Intersil Corporation ISL8485ECPZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FIGURE 12. DRIVER PROPAGATION DELAY vs
TEMPERATURE (ISL8485E)
FIGURE 13. DRIVER SKEW vs TEMPERATURE (ISL8485E)
FIGURE 14. DRIVER AND RECEIVER WAVEFORMS,
LOW TO HIGH (ISL8483E)
FIGURE 15. DRIVER AND RECEIVER WAVEFORMS,
HIGH TO LOW (ISL8483E)
FIGURE 16. DRIVER AND RECEIVER WAVEFORMS,
LOW TO HIGH (ISL8485E)
FIGURE 17. DRIVER AND RECEIVER WAVEFORMS,
HIGH TO LOW (ISL8485E)
Typical Performance Curves VCC = 5V, TA = 25oC, ISL8483E and ISL8485E; Unless Otherwise Specified (Continued)
-40
0
50
85
TEMPERATURE (oC)
-25
25
75
25
30
35
40
tPLHY
tPHLY
tPHLZ
tPLHZ
20
-40
0
50
85
TEMPERATURE (oC)
-25
25
75
1
1.5
2
2.5
3
|tPLHY - tPHLZ|
|tPHLY - tPLHZ|
|CROSSING PT. OF Y
↑ & Z↓ - CROSSING PT. OF Y↓ & Z↑|
TIME (400ns / DIV)
0
3
4
1
2
RDIFF = 54Ω, CL = 100pF
0
5
0
5
DI
RO
A / Y
B / Z
TIME (400ns / DIV)
0
DI
3
4
1
2
0
5
0
5
RDIFF = 54Ω, CL = 100pF
B / Z
A / Y
RO
TIME (10ns / DIV)
0
3
4
1
2
RDIFF = 54Ω, CL = 100pF
DI
A / Y
RO
0
5
0
5
B / Z
TIME (10ns / DIV)
0
DI
RO
3
4
1
2
0
5
0
5
RDIFF = 54Ω, CL = 100pF
B / Z
A / Y
ISL8483E, ISL8485E


Similar Part No. - ISL8485ECPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8485ECPZ INTERSIL-ISL8485ECPZ Datasheet
501Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL8485ECPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8483E INTERSIL-ISL8483E_05 Datasheet
501Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483E RENESAS-ISL8483E Datasheet
856Kb / 15P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
Renesas Technology Corp
ISL8488E RENESAS-ISL8488E Datasheet
727Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483 Datasheet
507Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8488E INTERSIL-ISL8488E_07 Datasheet
468Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com