Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5423CLZ-T13 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5423CLZ-T13
Description  12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5423CLZ-T13 Datasheet(HTML) 4 Page - Intersil Corporation

  EL5423CLZ-T13 Datasheet HTML 1Page - Intersil Corporation EL5423CLZ-T13 Datasheet HTML 2Page - Intersil Corporation EL5423CLZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5423CLZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5423CLZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5423CLZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5423CLZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5423CLZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5423CLZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN7176.2
May 3, 2007
EL5423CR
5423CR
-
28 Ld TSSOP (4.4mm)
MDP0044
EL5423CR-T7
5423CR
7”
28 Ld TSSOP (4.4mm)
MDP0044
EL5423CR-T13
5423CR
13”
28 Ld TSSOP (4.4mm)
MDP0044
EL5423CRZ (Note)
5423CRZ
-
28 Ld TSSOP (4.4mm) (Pb-free)
MDP0044
EL5423CRZ-T7 (Note)
5423CRZ
7”
28 Ld TSSOP (4.4mm) (Pb-free)
MDP0044
EL5423CRZ-T13 (Note)
5423CRZ
13”
28 Ld TSSOP (4.4mm) (Pb-free)
MDP0044
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Ordering Information (Continued)
PART NUMBER
PART MARKING
TAPE AND REEL
PACKAGE
PKG. DWG. #
EL5123, EL5223, EL5323, EL5423


Similar Part No. - EL5423CLZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5423CLZ-T13 INTERSIL-EL5423CLZ-T13 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
EL5423CLZ-T13 INTERSIL-EL5423CLZ-T13 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Renesas Technology Corp
EL5423CLZ-T13 RENESAS-EL5423CLZ-T13 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
More results

Similar Description - EL5423CLZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5123 RENESAS-EL5123 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5123 INTERSIL-EL5123 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
logo
Elantec Semiconductor
EL5123C ELANTEC-EL5123C Datasheet
139Kb / 2P
   Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127 Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127_06 Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com