Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6537A Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6537A
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6537A Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6537A Datasheet HTML 1Page - Intersil Corporation ISL6537A Datasheet HTML 2Page - Intersil Corporation ISL6537A Datasheet HTML 3Page - Intersil Corporation ISL6537A Datasheet HTML 4Page - Intersil Corporation ISL6537A Datasheet HTML 5Page - Intersil Corporation ISL6537A Datasheet HTML 6Page - Intersil Corporation ISL6537A Datasheet HTML 7Page - Intersil Corporation ISL6537A Datasheet HTML 8Page - Intersil Corporation ISL6537A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FN9143.5
Simplified Power System Diagram
Typical Application
PWM
5VSBY
VTT
ISL6537A
CONTROLLER
REGULATOR
12V
VREF
VTT
+
SLEEP
STATE
LOGIC
SLP_S3
SLP_S5
Q5
+
3V3ATX
VDDQ
Q1
5VDUAL
Q2
+
VTT_GMCH/CPU
LINEAR
CONTROLLER
VGMCH
Q4
Q3
LINEAR
CONTROLLER
Q6
+
VDAC
PWM
CONTROLLER
+
3V3ATX
5VSBY
ISL6537A
FB4
VGMCH
SLP_S5
SLP_S3
S5#
S3#
12V
ATX3V3
DRIVE2
FB2
VTT_GMCH/CPU
VIDPGD
PWM4
COMP4
DRIVE3
FB3
VDAC
UGATE
FB
COMP
LGATE
DDR_VTT(x2)
VTT_DDR
VREF_IN
VREF_OUT
DDR_VTTSNS
VDDQ_DDR
+
5VDUAL
OCSET
PHASE
VREF
DDR_VDDQ(x2)
BOOT
Q2
Q1
Q3
Q4
Q5
Q6
ROCSET
R1
R2
C1
C2
R3
C3
R4
R5
C5
R6
C6
R7
C7
R8
R9
R10
R9
R12
R11
3VDUAL
DBOOT
CBOOT
ATX3V3
ISL6537A


Similar Part No. - ISL6537A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6537A INTERSIL-ISL6537A Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6537A RENESAS-ISL6537A Datasheet
831Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6537ACR RENESAS-ISL6537ACR Datasheet
831Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6537ACRZ RENESAS-ISL6537ACRZ Datasheet
831Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results

Similar Description - ISL6537A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548_06 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com