Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6537ACR Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6537ACR
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6537ACR Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6537ACR Datasheet HTML 1Page - Intersil Corporation ISL6537ACR Datasheet HTML 2Page - Intersil Corporation ISL6537ACR Datasheet HTML 3Page - Intersil Corporation ISL6537ACR Datasheet HTML 4Page - Intersil Corporation ISL6537ACR Datasheet HTML 5Page - Intersil Corporation ISL6537ACR Datasheet HTML 6Page - Intersil Corporation ISL6537ACR Datasheet HTML 7Page - Intersil Corporation ISL6537ACR Datasheet HTML 8Page - Intersil Corporation ISL6537ACR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN9143.5
Absolute Maximum Ratings
Thermal Information
5VSBY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +7V
P12V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +14V
Absolute Boot Voltage, VBOOT . . . . . . . . . . . . . . . . . . . . . . . +15.0V
Upper Driver Supply Voltage, VBOOT - VPHASE . . . . . . . . 7.0V (DC)
8.0V (<10ns Pulse Width, 10
μJ)
All other Pins . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 5VCC + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Recommended Operating Conditions
Supply Voltage on 5VSBY . . . . . . . . . . . . . . . . . . . . . . . . +5V ±10%
Supply Voltage on P12V . . . . . . . . . . . . . . . . . . . . . . . . +12V ±10%
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Junction Temperature Range. . . . . . . . . . . . . . . . . . . 0°C to +125°C
Thermal Resistance (Typical, Notes 1, 2)
θ
JA (°C/W)
θ
JC (°C/W)
QFN Package . . . . . . . . . . . . . . . . . . .
32
5
Maximum Junction Temperature (Plastic Package) . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Block and Simplified Power System
Diagrams and Typical Application Schematics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
5VSBY SUPPLY CURRENT
Nominal Supply Current
ICC_S0
S3# and S5# HIGH, UGATE/LGATE Open
5.5
7.0
8.0
mA
ICC_S5
S5# LOW, S3# Don’t Care, UGATE/LGATE Open
-
700
850
μA
POWER-ON RESET
Rising 5VSBY POR Threshold
4.10
-
4.45
V
Falling 5VSBY POR Threshold
3.60
-
3.95
V
Rising P12V POR Threshold
10.0
-
10.5
V
Falling P12V POR Threshold
8.80
-
9.75
V
OSCILLATOR AND SOFT-START
PWM Frequency
fOSC
220
250
280
kHz
Ramp Amplitude
ΔVOSC
-1.5
-
V
Soft-Start Interval
tSS
6.5
8.2
9.5
ms
REFERENCE VOLTAGE
Reference Voltage
VREF
-0.800
-
V
System Accuracy
-2.0
-
+2.0
%
VDDQ AND VGMCH PWM CONTROLLER ERROR AMPLIFIERS
DC Gain
(Note 3)
-
80
-
dB
Gain-Bandwidth Product
GBWP
(Note 3)
15
-
-
MHz
Slew Rate
SR
(Note 3)
-
6
-
V/
μs
CONTROL I/O (S3#, S5#)
LOW Level Input Threshold
0.75
-
-
V
HIGH Level Input Threshold
--
2.2
V
ISL6537A


Similar Part No. - ISL6537ACR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6537ACR RENESAS-ISL6537ACR Datasheet
831Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6537ACRZ RENESAS-ISL6537ACRZ Datasheet
831Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6537ACRZA RENESAS-ISL6537ACRZA Datasheet
831Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results

Similar Description - ISL6537ACR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548_06 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com