Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6532ACRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6532ACRZ
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6532ACRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6532ACRZ Datasheet HTML 7Page - Intersil Corporation ISL6532ACRZ Datasheet HTML 8Page - Intersil Corporation ISL6532ACRZ Datasheet HTML 9Page - Intersil Corporation ISL6532ACRZ Datasheet HTML 10Page - Intersil Corporation ISL6532ACRZ Datasheet HTML 11Page - Intersil Corporation ISL6532ACRZ Datasheet HTML 12Page - Intersil Corporation ISL6532ACRZ Datasheet HTML 13Page - Intersil Corporation ISL6532ACRZ Datasheet HTML 14Page - Intersil Corporation ISL6532ACRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
FN9099.5
May 5, 2008
internal soft-start cycle initiates a normal soft-start ramp of
the output, at time T1. The output is brought back into
regulation by time T2 as long as the overcurrent event has
cleared.
Had the cause of the overcurrent still been present after the
delay interval, the overcurrent condition would be sensed
and the regulator would be shut down again for another
delay interval of three soft-start cycles. The resulting hiccup
mode style of protection would continue to repeat indefinitely.
The overcurrent function will trip at a peak inductor current
(IPEAK) determined by:
where IOCSET is the internal OCSET current source (20μA
typical). The OC trip point varies mainly due to the MOSFET
rDS(ON) variations. To avoid overcurrent tripping in the
normal operating load range, find the ROCSET resistor from
Equation 3 with:
1. The maximum rDS(ON) at the highest junction
temperature.
2. The minimum IOCSET from the specification table.
3. Determine IPEAK for:
,where
ΔI is
the output inductor ripple current.
For an equation for the ripple current, see the section under
component guidelines titled “Output Inductor Selection” on
page 14.
A small ceramic capacitor should be placed in parallel with
ROCSET to smooth the voltage across ROCSET in the
presence of switching noise on the input voltage.
Overvoltage and Undervoltage Protection
All three regulators are protected from faults through internal
Overvoltage and Undervoltage detection circuitry. If the any
rail falls below 85% of the targeted voltage, then an
undervoltage event is tripped. An undervoltage will disable
all three regulators for a period of 3 soft-start cycles, after
which a normal soft-start is initiated. If the output is still under
85% of target, the regulators will continue to be disabled and
soft-started in a hiccup mode until the fault is cleared. This
protection feature works much the same as the VDDQ PWM
overcurrent protection works. See Figure 3.
If the any rail exceeds 115% of the targeted voltage, then all
three outputs are immediately disabled. The ISL6532A will
not re-enable the outputs until either the bias voltage is
toggled in order to initiate a POR or the S5 signal is forced
LOW and then back to HIGH.
Thermal Protection (S0/S3 State)
If the ISL6532A IC junction temperature reaches a nominal
temperature of +140°C, all regulators will be disabled. The
ISL6532A will not re-enable the outputs until the junction
temperature drops below +110°C and either the bias voltage
is toggled in order to initiate a POR or the SLP_S5 signal is
forced LOW and then back to HIGH.
Shoot-Through Protection
A shoot-through condition occurs when both the upper and
lower MOSFETs are turned on simultaneously, effectively
shorting the input voltage to ground. To protect from a shoot-
through condition, the ISL6532A incorporates specialized
circuitry, which insures that complementary MOSFETs are
not ON simultaneously.
The adaptive shoot-through protection utilized by the VDDQ
regulator looks at the lower gate drive pin, LGATE, and the
upper gate drive pin, UGATE, to determine whether a
MOSFET is ON or OFF. If the voltage from UGATE or from
LGATE to GND is less than 0.8V, then the respective
MOSFET is defined as being OFF and the other MOSFET is
allowed to turned ON. This method allows the VDDQ
regulator to both source and sink current.
Since the voltage of the MOSFET gates are being measured
to determine the state of the MOSFET, the designer is
encouraged to consider the repercussions of introducing
external components between the gate drivers and their
respective MOSFET gates before actually implementing
such measures. Doing so may interfere with the shoot-
through protection.
TIME
T1
T0
T2
500mV/DIV
VDDQ
VAGP
VTT
FIGURE 3. VDDQ OVERCURRENT PROTECTION AND
VTT/VAGP LDO UNDER VOLTAGE PROTECTION
RESPONSES
INTERNAL SOFT-START FUNCTION
DELAY INTERVAL
I
PEAK
I
OCSET x ROCSET
r
DS ON
()
-----------------------------------------------------
=
(EQ. 3)
I
PEAK
I
OUT MAX
()
ΔI
()
2
----------
+
>
ISL6532A


Similar Part No. - ISL6532ACRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6532ACRZ RENESAS-ISL6532ACRZ Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results

Similar Description - ISL6532ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548_06 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6532 INTERSIL-ISL6532 Datasheet
365Kb / 14P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com