Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84582 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL84582
Description  Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84582 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL84582 Datasheet HTML 4Page - Intersil Corporation ISL84582 Datasheet HTML 5Page - Intersil Corporation ISL84582 Datasheet HTML 6Page - Intersil Corporation ISL84582 Datasheet HTML 7Page - Intersil Corporation ISL84582 Datasheet HTML 8Page - Intersil Corporation ISL84582 Datasheet HTML 9Page - Intersil Corporation ISL84582 Datasheet HTML 10Page - Intersil Corporation ISL84582 Datasheet HTML 11Page - Intersil Corporation ISL84582 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN6213.1
January 27, 2006
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1C. ADDRESS tTRANS MEASUREMENT POINTS
Repeat test for other switches. CL includes fixture and stray
capacitance.
FIGURE 1D. ADDRESS tTRANS TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
FIGURE 2A. Q MEASUREMENT POINTS
FIGURE 2B. Q TEST CIRCUIT
FIGURE 2. CHARGE INJECTION
FIGURE 3A. tBBM MEASUREMENT POINTS
Repeat test for other switches. CL includes fixture and stray
capacitance.
FIGURE 3B. tBBM TEST CIRCUIT
FIGURE 3. BREAK-BEFORE-MAKE TIME
Test Circuits and Waveforms (Continued)
50%
tr < 20ns
tf < 20ns
tTRANS
90%
3V
VNOX
0V
tTRANS
LOGIC
INPUT
SWITCH
OUTPUT
10%
VOUT
0V
VNO0
VOUT
V(NO or NC)
RL
RL R ON
()
+
------------------------------
=
LOGIC
INPUT
VOUT
RL
COMx
NO0x
ADDA-B
300
35pF
GND
NO1x-NO2x
CL
V+
EN
C
V-
C
V+
C
NO3x
V-
C
ISL84582
VOUT
∆VOUT
OFF
ON
OFF
Q =
∆VOUT x CL
SWITCH
OUTPUT
LOGIC
INPUT
3V
0V
CL
VOUT
RG
VG
GND
COM
NO or NC
LOGIC
INPUT
INH
ADDX
V-
C
V+
C
Repeat test for other switches.
1nF
0
80%
3V
0V
tBBM
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
tr < 20ns
tf < 20ns
LOGIC
INPUT
ADDA-B
COMx
RL
CL
VOUT
35pF
300
NO0x-NO3x
GND
V+
C
V-
C
V+
C
INH
ISL84582
ISL84582


Similar Part No. - ISL84582

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84582 INTERSIL-ISL84582 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL84582 RENESAS-ISL84582 Datasheet
726Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
logo
Intersil Corporation
ISL84582 INTERSIL-ISL84582 Datasheet
402Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
ISL84582IVZ INTERSIL-ISL84582IVZ Datasheet
402Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
logo
Renesas Technology Corp
ISL84582IVZ RENESAS-ISL84582IVZ Datasheet
726Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
More results

Similar Description - ISL84582

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84582IVZ INTERSIL-ISL84582IVZ Datasheet
402Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
logo
Renesas Technology Corp
ISL84582 RENESAS-ISL84582 Datasheet
726Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Intersil Corporation
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
   Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com