Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22419WFU8Z Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL22419WFU8Z
Description  Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22419WFU8Z Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL22419WFU8Z Datasheet HTML 3Page - Intersil Corporation ISL22419WFU8Z Datasheet HTML 4Page - Intersil Corporation ISL22419WFU8Z Datasheet HTML 5Page - Intersil Corporation ISL22419WFU8Z Datasheet HTML 6Page - Intersil Corporation ISL22419WFU8Z Datasheet HTML 7Page - Intersil Corporation ISL22419WFU8Z Datasheet HTML 8Page - Intersil Corporation ISL22419WFU8Z Datasheet HTML 9Page - Intersil Corporation ISL22419WFU8Z Datasheet HTML 10Page - Intersil Corporation ISL22419WFU8Z Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN6311.0
June 28, 2006
Typical Performance Curves
FIGURE 1. WIPER RESISTANCE vs TAP POSITION
[ I(RW) = VCC/RTOTAL ] FOR 10kΩ (W)
FIGURE 2. STANDBY ICC vs VCC
FIGURE 3. DNL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 4. INL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 5. ZSerror vs TEMPERATURE
FIGURE 6. FSerror vs TEMPERATURE
VCC
0
10
20
30
40
50
60
70
80
90
100
0
2040
6080
100
120
TAP POSITION (DECIMAL)
Vcc = 3.3V, T = 125ºC
Vcc = 3.3V, T = 20ºC
Vcc = 3.3V, T = -40ºC
VCC
0
0.2
0.4
0.6
0.8
1
1.2
1.4
2.73.2
3.74.2
4.75.2
Vcc, V
T =25
ºC
T =125
ºC
-0.2
-0.1
0
0.1
0.2
0
20
40
60
80
100
120
TAP POSITION (DECIMAL)
Vcc = 2.7V
Vcc = 5.5V
T = 25ºC
-0.2
-0.1
0
0.1
0.2
0
20406080
100
120
TAP POSITION (DECIMAL)
T = 25ºC
Vcc = 2.7V
Vcc = 5.5V
-0.30
-0.10
0.10
0.30
0.50
0.70
0.90
1.10
1.30
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (ºC)
10k
50k
Vcc = 2.7V
Vcc = 5.5V
-1.50
-1.20
-0.90
-0.60
-0.30
0.00
-40
-20
0
20
406080
100
120
TEMPERATURE (ºC)
50k
10k
Vcc = 2.7V
Vcc = 5.5V
ISL22419


Similar Part No. - ISL22419WFU8Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL22419WFU8Z RENESAS-ISL22419WFU8Z Datasheet
828Kb / 13P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
September 8, 2009
More results

Similar Description - ISL22419WFU8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22429 INTERSIL-ISL22429 Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
logo
Renesas Technology Corp
ISL22449 RENESAS-ISL22449 Datasheet
837Kb / 13P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
July 17, 2009
ISL22419 RENESAS-ISL22419 Datasheet
828Kb / 13P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
September 8, 2009
ISL22429 RENESAS-ISL22429 Datasheet
832Kb / 13P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI®Bus, 128 Taps, Wiper Only
May 28, 2009
ISL22319 RENESAS-ISL22319 Datasheet
873Kb / 13P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps, Wiper Only
September 9, 2009
ISL22349 RENESAS-ISL22349 Datasheet
830Kb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
ISL22329 RENESAS-ISL22329 Datasheet
828Kb / 13P
   Dual Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
September 4, 2009
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com