Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84582IVZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL84582IVZ
Description  Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84582IVZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL84582IVZ Datasheet HTML 1Page - Intersil Corporation ISL84582IVZ Datasheet HTML 2Page - Intersil Corporation ISL84582IVZ Datasheet HTML 3Page - Intersil Corporation ISL84582IVZ Datasheet HTML 4Page - Intersil Corporation ISL84582IVZ Datasheet HTML 5Page - Intersil Corporation ISL84582IVZ Datasheet HTML 6Page - Intersil Corporation ISL84582IVZ Datasheet HTML 7Page - Intersil Corporation ISL84582IVZ Datasheet HTML 8Page - Intersil Corporation ISL84582IVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN6213.1
January 27, 2006
Pinout
ISL84582 (TSSOP)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
B0
B1
COMB
B3
B2
INH
GND
V-
V+
A2
COMA
A0
A3
ADDB
ADDA
A1
LOGIC
Truth Table
ISL84582
INH
ADDB
ADDA
SWITCH ON
1X
X
NONE
0
0
0
A0, B0
0
0
1
A1, B1
0
1
0
A2, B2
0
1
1
A3, B3
NOTE: Logic “0”
≤0.8V. Logic “1” ≥2.4V, with V+ between 2.7V and
10V. X = Don’t Care.
Ordering Information
PART NO.
(Note)
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL84582IVZ
84582IVZ
-40 to 85
16 Ld TSSOP M16.173
ISL84582IVZ-T 84582IVZ
-40 to 85
16 Ld TSSOP
Tape and Reel
M16.173
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Pin Descriptions
PIN
FUNCTION
V+
Positive Power Supply Pin
V-
Negative Power Supply Pin. Connect to GND for Single
Supply Configurations.
GND
Ground Connection
INH
Digital Control Input. Connect to GND for Normal
Operation. Connect to V+ to turn all switches off.
COMx
Analog Mux Common Pin
Ax, Bx
Analog Mux Signal Pin
ADDx
Address Input Pin
ISL84582


Similar Part No. - ISL84582IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84582IVZ INTERSIL-ISL84582IVZ Datasheet
402Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
logo
Renesas Technology Corp
ISL84582IVZ RENESAS-ISL84582IVZ Datasheet
726Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
logo
Intersil Corporation
ISL84582IVZ-T INTERSIL-ISL84582IVZ-T Datasheet
402Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
logo
Renesas Technology Corp
ISL84582IVZ-T RENESAS-ISL84582IVZ-T Datasheet
726Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
More results

Similar Description - ISL84582IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84582IVZ INTERSIL-ISL84582IVZ Datasheet
402Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
logo
Renesas Technology Corp
ISL84582 RENESAS-ISL84582 Datasheet
726Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Intersil Corporation
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
   Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com