Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22449UFV14Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL22449UFV14Z
Description  Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22449UFV14Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL22449UFV14Z Datasheet HTML 4Page - Intersil Corporation ISL22449UFV14Z Datasheet HTML 5Page - Intersil Corporation ISL22449UFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22449UFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22449UFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22449UFV14Z Datasheet HTML 9Page - Intersil Corporation ISL22449UFV14Z Datasheet HTML 10Page - Intersil Corporation ISL22449UFV14Z Datasheet HTML 11Page - Intersil Corporation ISL22449UFV14Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN6333.3
July 17, 2009
Pin Description
Potentiometers Pins
RWI (I = 0, 1, 2, 3)
RWi is the wiper terminal and is equivalent to the movable
terminal of a mechanical potentiometer. The position of the
wiper within the array is determined by the WRi register.
SHDN
The SHDN pin forces the resistors to end-to-end open circuit
condition and shorts all RWs to GND. When SHDN is
returned to logic high, the previous latch settings put RWi at
the same resistance setting prior to shutdown. This pin is
logically ANDed with the SHDN bit in the ACR register. SPI
interface is still available in shutdown mode and all registers
are accessible. This pin must remain HIGH for normal
operation.
Bus Interface Pins
SERIAL CLOCK (SCK)
This is the serial clock input of the SPI serial interface.
SERIAL DATA OUTPUT (SDO)
The SDO is an open drain serial data output pin. During a
read cycle, the data bits are shifted out at the falling edge of
the serial clock SCK, while the CS input is low.
SDO requires an external pull-up resistor for proper operation.
FIGURE 7. END TO END RTOTAL % CHANGE vs
TEMPERATURE
FIGURE 8. TC FOR VOLTAGE DIVIDER MODE IN ppm
FIGURE 9. MIDSCALE GLITCH, CODE 80h TO 7Fh
FIGURE 10. LARGE SIGNAL SETTLING TIME
Typical Performance Curves (Continued)
-1.0
-0.5
0.0
0.5
1.0
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (ºC)
50k
10k
VCC = 5.5V
VCC = 2.7V
0
15
30
45
60
75
90
105
16
36
56
76
96
TAP POSITION (DECIMAL)
50k
10k
SIGNAL AT WIPER
(WIPER UNLOADED)
SIGNAL AT WIPER
(WIPER UNLOADED MOVEMENT
FROM 7Fh TO 00h)
SCL
RW
FIGURE 11. DCP CONNECTION IN SHUTDOWN MODE
ISL22449


Similar Part No. - ISL22449UFV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22449UFV14Z INTERSIL-ISL22449UFV14Z Datasheet
356Kb / 12P
   Quad Digitally Controlled Potentiometer
logo
Renesas Technology Corp
ISL22449UFV14Z RENESAS-ISL22449UFV14Z Datasheet
837Kb / 13P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
July 17, 2009
More results

Similar Description - ISL22449UFV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
logo
Renesas Technology Corp
ISL22449 RENESAS-ISL22449 Datasheet
837Kb / 13P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
July 17, 2009
ISL22419 RENESAS-ISL22419 Datasheet
828Kb / 13P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
September 8, 2009
ISL22429 RENESAS-ISL22429 Datasheet
832Kb / 13P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI®Bus, 128 Taps, Wiper Only
May 28, 2009
ISL22319 RENESAS-ISL22319 Datasheet
873Kb / 13P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps, Wiper Only
September 9, 2009
ISL22349 RENESAS-ISL22349 Datasheet
830Kb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
ISL22329 RENESAS-ISL22329 Datasheet
828Kb / 13P
   Dual Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
September 4, 2009
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com