Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54052 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL54052
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54052 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL54052 Datasheet HTML 4Page - Intersil Corporation ISL54052 Datasheet HTML 5Page - Intersil Corporation ISL54052 Datasheet HTML 6Page - Intersil Corporation ISL54052 Datasheet HTML 7Page - Intersil Corporation ISL54052 Datasheet HTML 8Page - Intersil Corporation ISL54052 Datasheet HTML 9Page - Intersil Corporation ISL54052 Datasheet HTML 10Page - Intersil Corporation ISL54052 Datasheet HTML 11Page - Intersil Corporation ISL54052 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN6459.3
October 19, 2009
FIGURE 9. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 10. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. TURN-ON TIME vs SUPPLY VOLTAGE
FIGURE 12. TURN-OFF TIME vs SUPPLY VOLTAGE
FIGURE 13. DIGITAL SWITCHING POINT vs SUPPLY
VOLTAGE
FIGURE 14. FREQUENCY RESPONSE
Typical Performance Curves T
A = +25°C, Unless Otherwise Specified (Continued)
VCOM (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
0.5
0.7
0.8
0.9
1.1
1.2
1.3
1.5
+25°C
+85°C
-40°C
V+ = 3.0V
ICOM = 100mA
0.6
1.0
1.4
0
0.5
1.0
1.5
1.8
VCOM (V)
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
+85°C
-40°C
ICOM = 10mA
V+ = 1.8V
V+ (V)
1.8
2.8
3.8
4.8
0
20
40
60
80
100
10
30
50
70
90
+25°C
+85°C
-40°C
-40°C
V+ (V)
1.8
2.8
3.8
4.8
0
20
40
60
80
+85°C
-40°C
-40°C
+25°C
V+ (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VINH
VINL
FREQUENCY (Hz)
0
GAIN
10M
1G
VIN = 0.2VP-P to 2VP-P
RL = 50Ω
-3
V+ = 5.0V
100M
1M
-2
-1
0.1k
0.01k
ISL54051, ISL54052


Similar Part No. - ISL54052

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54052 INTERSIL-ISL54052 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54052 RENESAS-ISL54052 Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
logo
Intersil Corporation
ISL54052 INTERSIL-ISL54052 Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
ISL54052IHZ-T INTERSIL-ISL54052IHZ-T Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
logo
Renesas Technology Corp
ISL54052IHZ-T RENESAS-ISL54052IHZ-T Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
More results

Similar Description - ISL54052

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL54051IRUZ-T INTERSIL-ISL54051IRUZ-T Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
logo
Renesas Technology Corp
ISL54051 RENESAS-ISL54051 Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
logo
Intersil Corporation
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com