Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7621DCPAZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICL7621DCPAZ
Description  Dual, Low Power CMOS Operational Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7621DCPAZ Datasheet(HTML) 5 Page - Intersil Corporation

  ICL7621DCPAZ Datasheet HTML 1Page - Intersil Corporation ICL7621DCPAZ Datasheet HTML 2Page - Intersil Corporation ICL7621DCPAZ Datasheet HTML 3Page - Intersil Corporation ICL7621DCPAZ Datasheet HTML 4Page - Intersil Corporation ICL7621DCPAZ Datasheet HTML 5Page - Intersil Corporation ICL7621DCPAZ Datasheet HTML 6Page - Intersil Corporation ICL7621DCPAZ Datasheet HTML 7Page - Intersil Corporation ICL7621DCPAZ Datasheet HTML 8Page - Intersil Corporation ICL7621DCPAZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Choosing the Proper IQ
Each device in the ICL76XX family has a similar IQ setup
scheme, which allows the amplifier to be set to nominal
quiescent currents of 10
µA, 100µA or 1mA. These current
settings change only very slightly over the entire supply
voltage range. The ICL7611/12 have an external IQ control
terminal, permitting user selection of each amplifiers’
quiescent current. The ICL7621 and ICL7641/7642 have
fixed IQ settings:
ICL7621 (Dual) - IQ = 100µA
ICL7641 (Quad) - IQ = 1mA
ICL7642 (Quad) - IQ = 10µA
NOTE: The output current available is a function of the
quiescent current setting. For maximum peak-to-peak output
voltage swings into low impedance loads, IQ of 1mA should
be selected.
Output Stage and Load Driving Considerations
Each amplifiers’ quiescent current flows primarily in the
output stage. This is approximately 70% of the IQ settings.
This allows output swings to almost the supply rails for
output loads of 1M
Ω, 100kΩ, and 10kΩ, using the output
stage in a highly linear class A mode. In this mode,
crossover distortion is avoided and the voltage gain is
maximized. However, the output stage can also be operated
in Class AB for higher output currents. (See graphs under
Typical Operating Characteristics). During the transition from
Class A to Class B operation, the output transfer
characteristic is nonlinear and the voltage gain decreases.
Frequency Compensation
The ICL76XX are internally compensated, and are stable
for closed loop gains as low as unity with capacitive loads
up to 100pF.
Operation At VSUPPLY = ±1V
Operation at VSUPPLY = ±1V is guaranteed for the
ICL7642C only.
Output swings to within a few millivolts of the supply rails are
achievable for RL ≥ 1MΩ. Guaranteed input CMVR is ±0.6V
minimum and typically +0.9V to -0.7V at VSUPPLY = ±1V. For
applications where greater common mode range is
desirable, refer to the ICL7612 data sheet.
Typical Applications
The user is cautioned that, due to extremely high input
impedances, care must be exercised in layout, construction,
board cleanliness, and supply filtering to avoid hum and
noise pickup.
Note that in no case is IQ shown. The value of IQ must be
chosen by the designer with regard to frequency response
and power dissipation.
FIGURE 1. SIMPLE FOLLOWER
FIGURE 2. LEVEL DETECTOR
FIGURE 3. PHOTOCURRENT INTEGRATOR
FIGURE 4. TRIANGLE/SQUARE WAVE GENERATOR
ICL76XX
+
-
VIN
VOUT
RL ≥ 10kΩ
ICL76XX
+
-
VIN
VOUT
100k
+5
+5
1M
TO CMOS OR
LPTTL LOGIC
VOUT
1
µF
ICL76XX
+
-
+
λ
NOTE: Low leakage currents allow integration times up to
several hours.
1M
+
-
1M
DUTY CYCLE
V-
V+
680k
1M
WAVEFORM GENERATOR
+
-
1/2
ICL7621
1/2
ICL7621
NOTE: Since the output range swings exactly from rail to rail, fre-
quency and duty cycle are virtually independent of power supply
variations.
ICL7621, ICL7641, ICL7642


Similar Part No. - ICL7621DCPAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL7621DCPAZ RENESAS-ICL7621DCPAZ Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
More results

Similar Description - ICL7621DCPAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
STMicroelectronics
TS27M2 STMICROELECTRONICS-TS27M2 Datasheet
205Kb / 14P
   Low-power CMOS dual operational amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621_01 Datasheet
163Kb / 7P
   Dual, Low Power CMOS Operational Amplifiers
logo
STMicroelectronics
TS27M2C STMICROELECTRONICS-TS27M2C Datasheet
195Kb / 9P
   PRECISION LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
TS27L2ID STMICROELECTRONICS-TS27L2ID Datasheet
206Kb / 9P
   PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
TS27L2C STMICROELECTRONICS-TS27L2C Datasheet
203Kb / 9P
   PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
TS27L2CN STMICROELECTRONICS-TS27L2CN Datasheet
206Kb / 9P
   PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com