Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5220 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5220
Description  12MHz Rail-to-Rail Input-Output Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5220 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5220 Datasheet HTML 4Page - Intersil Corporation EL5220 Datasheet HTML 5Page - Intersil Corporation EL5220 Datasheet HTML 6Page - Intersil Corporation EL5220 Datasheet HTML 7Page - Intersil Corporation EL5220 Datasheet HTML 8Page - Intersil Corporation EL5220 Datasheet HTML 9Page - Intersil Corporation EL5220 Datasheet HTML 10Page - Intersil Corporation EL5220 Datasheet HTML 11Page - Intersil Corporation EL5220 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
FN7186.6
March 4, 2009
FIGURE 7. OPEN LOOP GAIN vs TEMPERATURE
FIGURE 8. SLEW RATE vs TEMPERATURE
FIGURE 9. EL5420 SUPPLY CURRENT PER AMPLIFIER vs
TEMPERATURE
FIGURE 10. EL5420 SUPPLY CURRENT PER AMPLIFIER vs
SUPPLY VOLTAGE
FIGURE 11. OPEN LOOP GAIN AND PHASE vs FREQUENCY
FIGURE 12. FREQUENCY RESPONSE FOR VARIOUS RL
Typical Performance Curves (Continued)
80
90
100
0150
TEMPERATURE (°C)
50
-50
100
VS = ±5V
RL = 10kΩ
0
150
10.30
10.35
TEMPERATURE (°C)
10.25
50
-50
100
10.40
VS = ±5V
0.5
0.55
0.45
0
150
TEMPERATURE (°C)
50
-50
100
VS = ±5V
520
400
600
SUPPLY VOLTAGE (V)
300
10
0
700
500
15
TA = +25°C
10
10k
100M
50
200
FREQUENCY (Hz)
-50
20
-130
-230
100
1k
100k
1M
10M
150
0
100
-30
-80
-180
VS = ±5V, TA = +25°C
RL = 10kΩ to GND
CL = 12pF to GND
PHASE
GAIN
1M
100M
-5
0
FREQUENCY (Hz)
-15
10M
100k
5
-10
CL = 10pF
AV = 1
VS = ±5V
10k
Ω
1k
Ω
560
Ω
150
Ω
EL5120, EL5220, EL5420


Similar Part No. - EL5220

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5220 RENESAS-EL5220 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5220 INTERSIL-EL5220 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5220CY ELANTEC-EL5220CY Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5220CY-T13 ELANTEC-EL5220CY-T13 Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5220

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com