Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5370IUZ-T13 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5370IUZ-T13
Description  100MHz Differential Twisted-Pair Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5370IUZ-T13 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5370IUZ-T13 Datasheet HTML 2Page - Intersil Corporation EL5370IUZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5370IUZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5370IUZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5370IUZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5370IUZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5370IUZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5370IUZ-T13 Datasheet HTML 9Page - Intersil Corporation EL5370IUZ-T13 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN7309.8
September 14, 2010
FIGURE 5. POWER SUPPLY REJECTION RATIO vs
FREQUENCY
FIGURE 6. COMMON MODE REJECTION vs FREQUENCY
FIGURE 7. DIFFERENTIAL MODE OUTPUT BALANCE
ERROR vs FREQUENCY
FIGURE 8. INPUT VOLTAGE NOISE vs FREQUENCY
FIGURE 9. CHANNEL ISOLATION vs FREQUENCY
FIGURE 10. BANDWIDTH vs SUPPLY VOLTAGE
Typical Performance Curves (Continued)
0
-10
-30
-50
-60
-80
-90
1M
10M
100M
FREQUENCY (Hz)
-70
-40
-20
100k
PSRR-
PSRR+
100k
1M
10M
100M
FREQUENCY (Hz)
-10
-30
-50
-60
-80
-90
-70
-40
-20
-
+
VOCM
VODM
100
Ω
100
Ω
VOCM/VINCM
VODM/VINCM
VINCM
100k
1M
10M
100M
FREQUENCY (Hz)
0
-10
-20
-30
-40
-50
-60
VIN
-
+
VCM
VODM
100
Ω
100
Ω
RT
R
VOCM/VODM
10
100
1000
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-110
-70
100k
1M
10M
100M
FREQUENCY (Hz)
-100
-90
-80
-60
-50
-40
CH1<=> CH2
CH2 <=> CH3
CH2 <=> CH1
CH3 <=> CH2
CH3 <=> CH1
CH1 <=> CH3
80
85
90
95
105
110
46
8
9
12
VS (V)
100
57
10
RLD = 200Ω
11
EL5170, EL5370


Similar Part No. - EL5370IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5370IUZ-T13 INTERSIL-EL5370IUZ-T13 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5370IUZ-T13 INTERSIL-EL5370IUZ-T13 Datasheet
311Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5370IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5170 RENESAS-EL5170 Datasheet
720Kb / 14P
   100MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5170 INTERSIL-EL5170_07 Datasheet
311Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com