Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59885ISZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL59885ISZ
Description  Auto-Adjusting Sync Separator for HD and SD Video
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59885ISZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL59885ISZ Datasheet HTML 5Page - Intersil Corporation ISL59885ISZ Datasheet HTML 6Page - Intersil Corporation ISL59885ISZ Datasheet HTML 7Page - Intersil Corporation ISL59885ISZ Datasheet HTML 8Page - Intersil Corporation ISL59885ISZ Datasheet HTML 9Page - Intersil Corporation ISL59885ISZ Datasheet HTML 10Page - Intersil Corporation ISL59885ISZ Datasheet HTML 11Page - Intersil Corporation ISL59885ISZ Datasheet HTML 12Page - Intersil Corporation ISL59885ISZ Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FN7442.3
September 8, 2005
Applications Information
Video In
A simplified block diagram is shown following page.
An AC coupled video signal is input to Video In pin 2 via C1,
nominally 0.1µF. Clamp charge current will prevent the
signal on pin 2 from going any more negative than Sync Tip
Ref, about 1.5V. This charge current is nominally about 1mA.
A clamp discharge current of about 10µA is always
attempting to discharge C1 to Sync Tip Ref, thus charge is
lost between sync pulses that must be replaced during sync
pulses. The droop voltage that will occur can be calculated
from IT = CV, where V is the droop voltage, I is the discharge
current, T is the time between sync pulses (sync period -
sync tip width), and C is C1.
An NTSC video signal has a horizontal frequency of
15.73kHz, and a sync tip width of 4.7µs. This gives a period
of 63.6µs and a time T = 58.9µs. The droop voltage will then
be V = 5.9mV. This is less than 2% of a nominal sync tip
amplitude of 286mV. The charge represented by this droop
is replaced in a time given by T = CV/I, where I = clamp
charge current = 5.3mA. Here T = 590ns, about 12% of the
sync pulse width of 4.7µs. It is important to choose C1 large
enough so that the droop voltage does not approach the
switching threshold of the internal comparator.
Composite Sync
The Composite Sync output is simply a reproduction of the
input signal with the active video removed. The sync tip of
the Composite video signal is clamped to 1.5V at pin 2 and
then slices at 70mV above the sync tip reference. The output
signal is buffered out to pin 1. When loss of sync, the
Composite Sync output is held low.
Vertical Sync
A low-going Vertical Sync pulse is output during the start of
the vertical cycle of the incoming video signal. The vertical
cycle starts with a pre-equalizing phase of pulses with a duty
cycle of about 93%, followed by a vertical serration phase
that has a duty cycle of about 15%. Vertical Sync is clocked
out of the ISL59885 on the first rising edge during the
vertical serration phase. In the absence of vertical serration
pulses, a vertical sync pulse will be forced out after the
vertical sync default delay time, approximately 60µs after the
last falling edge of the vertical equalizing phase.
Horizontal Sync
The horizontal circuit senses the composite sync edges and
produces the true horizontal pulses of nominal width 5.2µs.
The leading edge is triggered from the leading edge of the
input H sync, with the same propagation delay as composite
sync. The half line pulses present in the input signal during
vertical blanking are removed with an internal 2H line
eliminator circuit. This is a circuit that inhibits horizontal
output pulses until 75% of the line time is reached, then the
horizontal output operation is enabled again. Any signals
present on the I/P signal after the true H sync will be ignored,
thus the horizontal output will not be affected by MacroVision
copy protection. When loss of sync, the Horizontal Sync
output is held high.
CSET
An external CSET capacitor connected from CSET pin 6 to
ground. CSET capacitor should be a X7R grade or better as
the Y5U general use capacitors may be too leaky and cause
faulty operation. The CSET capacitor should be very close to
the CSET pin to reduce possible board leakage. 56nF is
recommended. CSET simplified block diagram is shown in
diagram 5. The CSET capacitor rectifies 5us pulse current
and creates a voltage on CSET. The CSET voltage is
converted to bias current for HSYNC and VSYNC timing.
Chroma Filter
A chroma filter is suggested to increase the S/N ratio of the
incoming video signal. Use of the optional chroma filter is
shown in the figure below. It can be implemented very simply
and inexpensively with a series resistor of 100
Ω and a
capacitor of 570pF, which gives a single pole roll-off
frequency of about 2.79MHz during NTSC or PAL. This
sufficiently attenuates the 3.58MHz (NTSC) or 4.43MHz
(PAL) color burst signal, yet passes the approximately 15kHz
sync signals without appreciable attenuation. During HDTV,
the transistor turns off and a 100pF capacitor is left to filter
any noise present at the input. A chroma filter will increase
the propagation delay from the composite input to the
outputs.
HD-Detect
High definition video is flagged by HD going low when the
input horizontal frequency is greater than 20kHz.
ISL59885
0.1µF
100
RF
CF2
470pF
VIDEO IN
CHROMA FILTER
1
2
3
4
8
7
6
5
HD
10k
MMBT3904
GND
VDD
CSET
CVIN
CSYNC
HOUT
VSYNC
CF
100pF
ISL59885


Similar Part No. - ISL59885ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59885ISZ INTERSIL-ISL59885ISZ Datasheet
363Kb / 14P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885ISZ INTERSIL-ISL59885ISZ Datasheet
361Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Renesas Technology Corp
ISL59885ISZ RENESAS-ISL59885ISZ Datasheet
801Kb / 15P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885ISZ-EVAL RENESAS-ISL59885ISZ-EVAL Datasheet
801Kb / 15P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Intersil Corporation
ISL59885ISZ-T13 INTERSIL-ISL59885ISZ-T13 Datasheet
363Kb / 14P
   Auto-Adjusting Sync Separator for HD and SD Video
More results

Similar Description - ISL59885ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59885 INTERSIL-ISL59885_07 Datasheet
361Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885 INTERSIL-ISL59885_06 Datasheet
363Kb / 14P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Renesas Technology Corp
ISL59885 RENESAS-ISL59885 Datasheet
801Kb / 15P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
National Semiconductor ...
LMH1980 NSC-LMH1980 Datasheet
746Kb / 14P
   Auto-Detecting SD/HD/PC Video Sync Separator
logo
Texas Instruments
LMH1980MM TI-LMH1980MM Datasheet
1Mb / 22P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
LMH1980MM TI1-LMH1980MM Datasheet
773Kb / 20P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com