Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6535IBZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6535IBZ
Description  Synchronous Buck Pulse-Width Modulator PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6535IBZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6535IBZ Datasheet HTML 6Page - Intersil Corporation ISL6535IBZ Datasheet HTML 7Page - Intersil Corporation ISL6535IBZ Datasheet HTML 8Page - Intersil Corporation ISL6535IBZ Datasheet HTML 9Page - Intersil Corporation ISL6535IBZ Datasheet HTML 10Page - Intersil Corporation ISL6535IBZ Datasheet HTML 11Page - Intersil Corporation ISL6535IBZ Datasheet HTML 12Page - Intersil Corporation ISL6535IBZ Datasheet HTML 13Page - Intersil Corporation ISL6535IBZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN9255.0
January 17, 2006
2. Calculate C1 such that FZ1 is placed at a fraction of the FLC,
at 0.1 to 0.75 of FLC (to adjust, change the 0.5 factor below
to the desired number). The higher the quality factor of the
output filter and/or the higher the ratio FCE/FLC, the lower
the FZ1 frequency (to maximize phase boost at FLC).
3. Calculate C2 such that FP1 is placed at FCE.
4. Calculate R3 such that FZ2 is placed at FLC. Calculate C3
such that FP2 is placed below FSW (typically, 0.3 to 1.0
times FSW). FSW represents the switching frequency of the
regulator. Change the numerical factor (0.7) below to reflect
desired placement of this pole. Placement of FP2 lower in
frequency helps reduce the gain of the compensation
network at high frequency, in turn reducing the HF ripple
component at the COMP pin and minimizing resultant duty
cycle jitter.
It is recommended that a mathematical model be used to
plot the loop response. Check the loop gain against the error
amplifier’s open-loop gain. Verify phase margin results and
adjust as necessary. The following equations describe the
frequency response of the modulator (GMOD), feedback
compensation (GFB) and closed-loop response (GCL):
COMPENSATION BREAK FREQUENCY EQUATIONS
Figure 8 shows an asymptotic plot of the DC/DC converter’s
gain vs. frequency. The actual Modulator Gain has a high gain
peak dependent on the quality factor (Q) of the output filter,
which is not shown. Using the above guidelines should yield a
compensation gain similar to the curve plotted. The open loop
error amplifier gain bounds the compensation gain. Check the
compensation gain at FP2 against the capabilities of the error
amplifier. The closed loop gain, GCL, is constructed on the
log-log graph of Figure 8 by adding the modulator gain,
GMOD (in dB), to the feedback compensation gain, GFB (in
dB). This is equivalent to multiplying the modulator transfer
function and the compensation transfer function and then
plotting the resulting gain.
A stable control loop has a gain crossing with close to a
-20dB/decade slope and a phase margin greater than 45
degrees. Include worst case component variations when
determining phase margin. The mathematical model
presented makes a number of approximations and is
generally not accurate at frequencies approaching or
exceeding half the switching frequency. When designing
compensation networks, select target crossover frequencies
in the range of 10% to 30% of the switching frequency,
FSW.
Component Selection Guidelines
Output Capacitor Selection
An output capacitor is required to filter the output and supply
the load transient current. The filtering requirements are a
function of the switching frequency and the ripple current.
The load transient requirements are a function of the slew
rate (di/dt) and the magnitude of the transient load current.
These requirements are generally met with a mix of
capacitors and careful layout.
Modern microprocessors produce transient load rates above
1A/ns. High frequency capacitors initially supply the transient
and slow the current load rate seen by the bulk capacitors.
The bulk filter capacitor values are generally determined by
the ESR (effective series resistance) and voltage rating
requirements rather than actual capacitance requirements.
High frequency decoupling capacitors should be placed as
close to the power pins of the load as physically possible. Be
careful not to add inductance in the circuit board wiring that
could cancel the usefulness of these low inductance
C
1
1
2
π R
2 0.5 FLC
⋅⋅
-----------------------------------------------
=
C
2
C
1
2
π R
2 C1 FCE
1
⋅⋅⋅
--------------------------------------------------------
=
R
3
R
1
F
SW
F
LC
------------ 1
----------------------
=
C
3
1
2
π R
3 0.7 FSW
⋅⋅
-------------------------------------------------
=
G
MOD f
()
D
MAX VIN
V
OSC
-------------------------------
1s f
() ESR C
⋅⋅
+
1s f
() ESR DCR
+
() C
⋅⋅
s
2
f
() LC
⋅⋅
++
-----------------------------------------------------------------------------------------------------------
=
G
FB f
()
1s f
() R
2 C1
⋅⋅
+
sf
() R
1
C
1
C
2
+
()
⋅⋅
----------------------------------------------------
=
1s f
() R
1
R
3
+
() C
3
⋅⋅
+
1s f
() R
3 C3
⋅⋅
+
() 1s f
() R
2
C
1 C2
C
1
C
2
+
---------------------



⋅⋅
+



-------------------------------------------------------------------------------------------------------------------------
G
CL f
()
G
MOD f
() G
FB f
()
=
where s f
()
,
2
π fj
⋅⋅
=
F
Z1
1
2
π R
2 C1
⋅⋅
-------------------------------
=
F
Z2
1
2
π R
1
R
3
+
() C
3
⋅⋅
-------------------------------------------------
=
F
P1
1
2
π R
2
C
1 C2
C
1
C
2
+
---------------------
⋅⋅
---------------------------------------------
=
F
P2
1
2
π R
3 C3
⋅⋅
-------------------------------
=
0
FP1
FZ2
OPEN LOOP E/A GAIN
FZ1
FP2
FLC
FCE
COMPENSATION GAIN
FREQUENCY
MODULATOR GAIN
FIGURE 8. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
CLOSED LOOP GAIN
20
D
MAX
V
IN
V
OSC
----------------------------------
log
20
R2
R1
--------


log
LOG
F0
GMOD
GFB
GCL
ISL6535


Similar Part No. - ISL6535IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6535IBZ RENESAS-ISL6535IBZ Datasheet
743Kb / 15P
   Synchronous Buck Pulse-Width Modulator (PWM) Controller
More results

Similar Description - ISL6535IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6535 RENESAS-ISL6535 Datasheet
743Kb / 15P
   Synchronous Buck Pulse-Width Modulator (PWM) Controller
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6013 INTERSIL-HIP6013 Datasheet
103Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com