Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420CSZ-T7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5420CSZ-T7
Description  12MHz Rail-to-Rail Input-Output Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5420CSZ-T7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5420CSZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5420CSZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5420CSZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5420CSZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5420CSZ-T7 Datasheet HTML 10Page - Intersil Corporation EL5420CSZ-T7 Datasheet HTML 11Page - Intersil Corporation EL5420CSZ-T7 Datasheet HTML 12Page - Intersil Corporation EL5420CSZ-T7 Datasheet HTML 13Page - Intersil Corporation EL5420CSZ-T7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN7186.6
March 4, 2009
FIGURE 19. TOTAL HARMONIC DISTORTION + NOISE vs
FREQUENCY
FIGURE 20. CHANNEL SEPARATION vs FREQUENCY
RESPONSE
FIGURE 21. SMALL SIGNAL OVERSHOOT vs LOAD
CAPACITANCE
FIGURE 22. SETTLING TIME vs STEP SIZE
FIGURE 23. LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 24. SMALL SIGNAL TRANSIENT RESPONSE
Typical Performance Curves (Continued)
1k
10k
100k
0.005
0.008
FREQUENCY (Hz)
0.010
0.001
0.003
VS = ±5V
RL = 10kΩ
AV = 1
VIN = 1VRMS
0.006
0.009
0.007
0.004
0.002
1k
-60
FREQUENCY (Hz)
-140
-120
-100
-80
1M
6M
10k
100k
VS = ±5V
RL = 10kΩ
AV = 1
VIN = 220mVRMS
DUAL MEASURED CHANNEL A TO B
QUAD MEASURED CHANNEL A TO D
OR B TO C
OTHER COMBINATIONS YIELD
IMPROVED REJECTION
10
100
1k
LOAD CAPACITANCE (pF)
VS = ±5V
AV = 1
RL = 10kΩ
VIN = ±50mV
TA = +25°C
50
90
70
30
10
800
-2
2
SETTLING TIME (ns)
600
0
4
200
400
3
1
-3
0
-1
-4
VS = ±5V
AV = 1
RL = 10kΩ
CL = 12pF
TA = +25°C
0.1%
0.1%
VS = ±5V
TA = +25°C
AV = 1
RL = 10kΩ
CL = 12pF
1V
1µs
VS = ±5V
TA = +25°C
AV = 1
RL = 10kΩ
CL = 12pF
50mV
200ns
EL5120, EL5220, EL5420


Similar Part No. - EL5420CSZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5420CSZ-T7 INTERSIL-EL5420CSZ-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
logo
Renesas Technology Corp
EL5420CSZ-T7 RENESAS-EL5420CSZ-T7 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5420CSZ-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com