Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8484IU Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL8484IU
Description  Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8484IU Datasheet(HTML) 1 Page - Intersil Corporation

  ISL8484IU Datasheet HTML 1Page - Intersil Corporation ISL8484IU Datasheet HTML 2Page - Intersil Corporation ISL8484IU Datasheet HTML 3Page - Intersil Corporation ISL8484IU Datasheet HTML 4Page - Intersil Corporation ISL8484IU Datasheet HTML 5Page - Intersil Corporation ISL8484IU Datasheet HTML 6Page - Intersil Corporation ISL8484IU Datasheet HTML 7Page - Intersil Corporation ISL8484IU Datasheet HTML 8Page - Intersil Corporation ISL8484IU Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN6128.0
ISL8484
Ultra Low ON-Resistance, +1.65V to +4.5V,
Single Supply, Dual SPDT Analog Switch
The Intersil ISL8484 device is a low ON-resistance, low
voltage, bidirectional, dual single-pole/double-throw (SPDT)
analog switch designed to operate from a single +1.65V to
+4.5V supply. Targeted applications include battery powered
equipment that benefit from low RON (0.23Ω) and fast
switching speeds (tON = 20ns, tOFF = 15ns). The digital logic
input is 1.8V logic-compatible when using a single +3V supply.
With a supply voltage of 4.2V and logic high voltage of 2.85V
at both logic inputs, the part draws only 10µA max of I+
current.
Cell phones, for example, often face ASIC functionality
limitations. The number of analog input or GPIO pins may be
limited and digital geometries are not well suited to analog
switch performance. This part may be used to “mux-in”
additional functionality while reducing ASIC design risk. The
ISL8484 is offered in small form factor packages, alleviating
board space limitations.
The ISL8484 is a committed dual single-pole/double-throw
(SPDT) that consist of two normally open (NO) and two
normally closed (NC) switches. This configuration can be
used as a dual 2-to-1 multiplexer. The ISL8484 is pin
compatible with the MAX4684 and MAX4685.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
Features
• Pb-Free Available as an Option (RoHS Compliant)
(see Ordering Info)
• Pin Compatible Replacement for the MAX4684 and
MAX4685
• ON Resistance (RON)
- V+ = +4.3V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.23
- V+ = +3.0V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.27
- V+ = +1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.45
•RON Matching Between Channels . . . . . . . . . . . . . . . . 0.03Ω
•RON Flatness Across Signal Range . . . . . . . . . . . . . . . 0.03Ω
• Single Supply Operation . . . . . . . . . . . . . . . +1.65V to +4.5V
• Low Power Consumption (PD). . . . . . . . . . . . . . . . <0.3µW
• Fast Switching Action (V+ = +4.3V)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15ns
• ESD HBM Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>9kV
• Guaranteed Break-before-Make
• 1.8V Logic Compatible (+3V supply)
• Low I+ Current when VinH is not at the V+ Rail
• Available in 10 lead 3x3 Thin DFN and 10 lead MSOP
Applications
• Battery powered, Handheld, and Portable Equipment
- Cellular/mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment
• Audio and Video Switching
TABLE 1. FEATURES AT A GLANCE
ISL8484
Number of Switches
2
SW
SPDT or 2-1 MUX
4.3V RON
0.23
4.3V tON/tOFF
20ns/15ns
3V RON
0.27
3V tON/tOFF
25ns/20ns
1.8V RON
0.45
1.8V tON/tOFF
65ns/50ns
Packages
10 Ld 3x3 Thin DFN, 10 Ld MSOP
Data Sheet
February 25, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL8484IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8484IU INTERSIL-ISL8484IU Datasheet
326Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484IU INTERSIL-ISL8484IU Datasheet
330Kb / 15P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484IU INTERSIL-ISL8484IU Datasheet
320Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
May 12, 2008
logo
Renesas Technology Corp
ISL8484IU RENESAS-ISL8484IU Datasheet
665Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL8484IU-T INTERSIL-ISL8484IU-T Datasheet
326Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
More results

Similar Description - ISL8484IU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54050 RENESAS-ISL54050 Datasheet
589Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL8484 INTERSIL-ISL8484_06 Datasheet
326Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL54050IRUZ-T INTERSIL-ISL54050IRUZ-T Datasheet
290Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Dual SPDT Analog Switch
November 22, 2008
ISL8484 INTERSIL-ISL8484_07 Datasheet
330Kb / 15P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL54050_0706 INTERSIL-ISL54050_0706 Datasheet
290Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484IR INTERSIL-ISL8484IR Datasheet
320Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
May 12, 2008
ISL54050 INTERSIL-ISL54050 Datasheet
292Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Renesas Technology Corp
ISL8484 RENESAS-ISL8484 Datasheet
665Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL8499 INTERSIL-ISL8499 Datasheet
464Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467IRTZ INTERSIL-ISL84467IRTZ Datasheet
345Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 23, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com