Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8484IUZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL8484IUZ
Description  Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8484IUZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL8484IUZ Datasheet HTML 1Page - Intersil Corporation ISL8484IUZ Datasheet HTML 2Page - Intersil Corporation ISL8484IUZ Datasheet HTML 3Page - Intersil Corporation ISL8484IUZ Datasheet HTML 4Page - Intersil Corporation ISL8484IUZ Datasheet HTML 5Page - Intersil Corporation ISL8484IUZ Datasheet HTML 6Page - Intersil Corporation ISL8484IUZ Datasheet HTML 7Page - Intersil Corporation ISL8484IUZ Datasheet HTML 8Page - Intersil Corporation ISL8484IUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN6128.0
February 25, 2005
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
224
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
1.65
4.5
V
Positive Supply Current, I+
V+ = +4.5V, VIN = 0V or V+
25
-
-
0.08
µA
Full
-
-
1
µA
Positive Supply Current, I+
V+ = +4.2V, VIN = 2.85V
25
-
-
10
µA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.5
V
Input Voltage High, VINH
Full
1.6
-
-
V
Input Current, IINH, IINL
V+ = 4.5V, VIN = 0V or V+, (Note 8)
Full
-0.5
-
0.5
µA
NOTES:
4. VIN = input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. Parts are 100% tested at +25°C. Limits across the full temperature range are guaranteed by design and correlation.
7. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
8. Guaranteed but not tested.
9. RON matching between channels is calculated by subtracting the channel with the highest max Ron value from the channel with lowest max Ron
value, between NC1 and NC2 or between NO1 and NO2.
Electrical Specifications - 3V Supply
Test Conditions: V+ = +2.7V to +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Notes 4, 6),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 2.7V, ICOM = 100mA, VNO or VNC = 0V to V+,
(See Figure 5)
25
-
0.29
0.4
Full
-
-
0.6
RON Matching Between Channels,
∆RON
V+ = 2.7V, ICOM = 100mA, VNO or VNC = Voltage at
max RON, (Note 9)
25
-
0.03
0.06
Full
-
-
0.06
RON Flatness, RFLAT(ON)
V+ = 2.7V, ICOM = 100mA, VNO or VNC = 0V to V+,
(Note 7)
25
-
0.03
0.15
Full
-
-
0.15
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 3.3V, VCOM = 0.3V, 3V, VNO or VNC = 3V, 0.3V
25
-
1.1
-
nA
Full
-
25
-
nA
COM ON Leakage Current,
ICOM(ON)
V
+ = 3.3V, VCOM = 0.3V, 3V, or VNO or VNC = 0.3V, 3V,
or Floating
25
-
1.7
-
nA
Full
-
48
-
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 2.7V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 8)
25
-
25
35
ns
Full
-
-
40
ns
Turn-OFF Time, tOFF
V+ = 2.7V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 8)
25
-
20
30
ns
Full
-
-
35
ns
Break-Before-Make Time Delay, tD
V+ = 3.3V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF,
(See Figure 3, Note 8)
Full
2
6
-
ns
Electrical Specifications - 4.3V Supply
Test Conditions: V+ = +3.9V to +4.5V, GND = 0V, VINH = 1.6V, VINL = 0.5V (Notes 4, 6),
Unless Otherwise Specified
(Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ISL8484


Similar Part No. - ISL8484IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8484IUZ INTERSIL-ISL8484IUZ Datasheet
326Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484IUZ INTERSIL-ISL8484IUZ Datasheet
330Kb / 15P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484IUZ INTERSIL-ISL8484IUZ Datasheet
320Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
May 12, 2008
logo
Renesas Technology Corp
ISL8484IUZ RENESAS-ISL8484IUZ Datasheet
665Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL8484IUZ-T INTERSIL-ISL8484IUZ-T Datasheet
326Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
More results

Similar Description - ISL8484IUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54050 RENESAS-ISL54050 Datasheet
589Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL8484 INTERSIL-ISL8484_06 Datasheet
326Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL54050IRUZ-T INTERSIL-ISL54050IRUZ-T Datasheet
290Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Dual SPDT Analog Switch
November 22, 2008
ISL8484 INTERSIL-ISL8484_07 Datasheet
330Kb / 15P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL54050_0706 INTERSIL-ISL54050_0706 Datasheet
290Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484IR INTERSIL-ISL8484IR Datasheet
320Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
May 12, 2008
ISL54050 INTERSIL-ISL54050 Datasheet
292Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Renesas Technology Corp
ISL8484 RENESAS-ISL8484 Datasheet
665Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL8499 INTERSIL-ISL8499 Datasheet
464Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467IRTZ INTERSIL-ISL84467IRTZ Datasheet
345Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 23, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com