Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6120 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6120
Description  Power Distribution Controllers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6120 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6120 Datasheet HTML 1Page - Intersil Corporation ISL6120 Datasheet HTML 2Page - Intersil Corporation ISL6120 Datasheet HTML 3Page - Intersil Corporation ISL6120 Datasheet HTML 4Page - Intersil Corporation ISL6120 Datasheet HTML 5Page - Intersil Corporation ISL6120 Datasheet HTML 6Page - Intersil Corporation ISL6120 Datasheet HTML 7Page - Intersil Corporation ISL6120 Datasheet HTML 8Page - Intersil Corporation ISL6120 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN9100.7
April 29, 2010
Absolute Maximum Ratings TA = +25°C
Thermal Information
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +16V
GATE . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD + 8V
ISEN, PGOOD, PWRON, CTIM, ISET . . . -0.3V to VDD + 0.3V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . 5kV
Operating Conditions
VDD Supply Voltage Range (ISL6115) . . . . . . . . +12V ±15%
VDD Supply Voltage Range (ISL6116, 17, 20) . . +12V ±25%
Temperature Range (TA) . . . . . . . . . . . . . . . . 0°C to +85°C
Thermal Resistance (Typical, Note 4)
θJA (°C/W)
8 Ld SOIC Package . . . . . . . . . . . . . . . . . . .
98
Maximum Junction Temperature (Plastic Package) . . +150°C
Maximum Storage Temperature Range . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
5. All voltages are relative to GND, unless otherwise specified.
Electrical Specifications VDD = 12V, TA = TJ = 0°C to +85°C, Unless Otherwise Specified. Temperature limits
established by characterization and are not production tested. Boldface limits apply over the
operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7) UNITS
CURRENT CONTROL
ISET Current Source
IISET_ft
18.5
20
21.5
µA
ISET Current Source
IISET_pt
TJ = +15°C to +55°C
19
20
21
µA
Current Limit Amp Offset Voltage
Vio_ft
VISET - VISEN
-6
0
6
mV
Current Limit Amp Offset Voltage
Vio_pt
VISET - VISEN, TJ = +15°C to
+55°C
-2
0
2
mV
GATE DRIVE
GATE Response Time to Severe OC
pd_woc_amp
VGATE to 10.8V
-
100
-
ns
GATE Response Time to Overcurrent
pd_oc_amp
VGATE to 10.8V
-
600
-
ns
GATE Turn-On Current
IGATE
VGATE to = 6V
8.4
10
11.6
µA
GATE Pull-Down Current
OC_GATE_I_4V
Overcurrent
45
75
-
mA
GATE Pull-Down Current (Note 6)
WOC_GATE_I_4V Severe Overcurrent
0.5
0.8
-
A
ISL6115 Undervoltage Threshold
12VUV_VTH
9.2
9.6
10
V
ISL6115 GATE High Voltage
12VG
GATE Voltage
VDD + 4.5V VDD + 5V
-
V
ISL6116 Undervoltage Threshold
5VUV_VTH
4.0
4.35
4.5
V
ISL6117 Undervoltage Threshold
3VUV_VTH
2.4
2.6
2.8
V
ISL6120 Undervoltage Threshold
2VUV_VTH
1.8
1.85
1.9
V
ISL6116, ISL6117, ISL6120 GATE
High Voltage
VG
GATE Voltage
VDD - 1.5V
VDD
-
V
BIAS
VDD Supply Current
IVDD
-
3
5
mA
VDD POR Rising Threshold
VDD_POR_L2H
VDD Low to High
7.8
8.4
9
V
VDD POR Falling Threshold
VDD_POR_H2L
VDD High to Low
7.5
8.1
8.7
V
VDD POR Threshold Hysteresis
VDD_POR_HYS
VDD_POR_L2H - VDD_POR_H2L
0.1
0.3
0.6
V
Maximum PWRON Pull-Up Voltage
PWRN_PUV
Maximum External Pull-up
Voltage
-
5
-
V
ISL6115, ISL6116, ISL6117, ISL6120


Similar Part No. - ISL6120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6120 INTERSIL-ISL6120 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6120 INTERSIL-ISL6120 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL6120 INTERSIL-ISL6120 Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6120 INTERSIL-ISL6120 Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6120 INTERSIL-ISL6120 Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
More results

Similar Description - ISL6120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com