Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7513IWTZ-T7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL7513IWTZ-T7
Description  White LED Step-Up Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7513IWTZ-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  EL7513IWTZ-T7 Datasheet HTML 1Page - Intersil Corporation EL7513IWTZ-T7 Datasheet HTML 2Page - Intersil Corporation EL7513IWTZ-T7 Datasheet HTML 3Page - Intersil Corporation EL7513IWTZ-T7 Datasheet HTML 4Page - Intersil Corporation EL7513IWTZ-T7 Datasheet HTML 5Page - Intersil Corporation EL7513IWTZ-T7 Datasheet HTML 6Page - Intersil Corporation EL7513IWTZ-T7 Datasheet HTML 7Page - Intersil Corporation EL7513IWTZ-T7 Datasheet HTML 8Page - Intersil Corporation EL7513IWTZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FIGURE 3. ILED vs VCNTL
FIGURE 4. ILED vs VIN
FIGURE 5A. 2 LEDs IN A SERIES
FIGURE 5B. EFFICIENCY vs IO
FIGURE 5.
FIGURE 6A. 3 LEDs IN A SERIES
FIGURE 6B. EFFICIENCY vs IO
FIGURE 6.
Typical Performance Curves (Continued)
All performance curves and waveforms are taken with C1 = 4.7µF, C2 = 1µF, C3 = 0.1µF, L = 33µF, VIN = 3.3V, VCNTL = 1V, R1 =5Ω, 4 LEDs in a
series; unless otherwise specified.
0
5
10
15
20
25
30
35
0
0.5
1
1.5
2
2.5
VCNTL (V)
14
14.2
14.4
14.6
14.8
15
15.2
15.4
15.6
15.8
16
2.53.5
4.55.5
VIN (V)
VCNTL=1V
34
5
LX
VIN
VOUT
CS
PGND
SGND
CNTL
COMP
4.7µF
0.1µF
1µF
L
33µH
BAT54HT1
VIN
25
16
3
7
4
8
VCTRL
5
2 LEDs IN A SERIES
90
85
80
75
70
5
10
15
202530
IO (mA)
L=COILCRAFT LPO1704-333CM
VIN=4.2V
VIN=2.7V
LX
VIN
VOUT
CS
PGND
SGND
CNTL
COMP
4.7µF
0.1µF
1µF
L
33µH
BAT54HT1
VIN
25
16
3
7
4
8
VCTRL
5
3 LEDs IN A SERIES
90
85
80
75
70
5
10
15
202530
IO (mA)
L=COILCRAFT LPO1704-333CM
VIN=4.2V
VIN=2.7V
EL7513


Similar Part No. - EL7513IWTZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7513IWTZ-T7 INTERSIL-EL7513IWTZ-T7 Datasheet
534Kb / 12P
   White LED Step-Up Regulator
logo
Renesas Technology Corp
EL7513IWTZ-T7 RENESAS-EL7513IWTZ-T7 Datasheet
642Kb / 12P
   White LED Step-Up Regulator
logo
Intersil Corporation
EL7513IWTZ-T7A INTERSIL-EL7513IWTZ-T7A Datasheet
534Kb / 12P
   White LED Step-Up Regulator
logo
Renesas Technology Corp
EL7513IWTZ-T7A RENESAS-EL7513IWTZ-T7A Datasheet
642Kb / 12P
   White LED Step-Up Regulator
More results

Similar Description - EL7513IWTZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL1848 RENESAS-EL1848 Datasheet
693Kb / 12P
   White LED Step-Up Regulator
EL7513 RENESAS-EL7513 Datasheet
642Kb / 12P
   White LED Step-Up Regulator
logo
Intersil Corporation
EL7513 INTERSIL-EL7513_06 Datasheet
534Kb / 12P
   White LED Step-Up Regulator
EL1848 INTERSIL-EL1848 Datasheet
482Kb / 12P
   White LED Step-Up Regulator
logo
List of Unclassifed Man...
EC4513 ETC2-EC4513 Datasheet
214Kb / 7P
   White LED Step-Up Regulator
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com