Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7513IY-T7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL7513IY-T7
Description  White LED Step-Up Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7513IY-T7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL7513IY-T7 Datasheet HTML 3Page - Intersil Corporation EL7513IY-T7 Datasheet HTML 4Page - Intersil Corporation EL7513IY-T7 Datasheet HTML 5Page - Intersil Corporation EL7513IY-T7 Datasheet HTML 6Page - Intersil Corporation EL7513IY-T7 Datasheet HTML 7Page - Intersil Corporation EL7513IY-T7 Datasheet HTML 8Page - Intersil Corporation EL7513IY-T7 Datasheet HTML 9Page - Intersil Corporation EL7513IY-T7 Datasheet HTML 10Page - Intersil Corporation EL7513IY-T7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FIGURE 10A. 2 LEGS OF 4 LEDs IN A SERIES
FIGURE 10B. EFFICIENCY vs IO
FIGURE 10.
FIGURE 11A. 3 LEGS OF 2 LEDs IN A SERIES
FIGURE 11B. EFFICIENCY vs IO
FIGURE 11.
FIGURE 12A. 3 LEGS OF 3 LEDs IN A SERIES
FIGURE 12B. EFFICIENCY vs IO
FIGURE 12.
Typical Performance Curves (Continued)
All performance curves and waveforms are taken with C1 = 4.7µF, C2 = 1µF, C3 = 0.1µF, L = 33µF, VIN = 3.3V, VCNTL = 1V, R1 =5Ω, 4 LEDs in a
series; unless otherwise specified.
LX
VIN
VOUT
CS
PGND
SGND
CNTL
COMP
4.7µF
0.1µF
1µF
L
33µH
BAT54HT1
VIN
25
16
3
7
4
8
VCTRL
5
5
2 LEGS OF 4 LEDs IN A SERIES
90
85
80
75
70
10
20
30
40
50
60
IO (mA)
L=SUMIDA CMD13D13-
VIN=4.2V
VIN=2.7V
LX
VIN
VOUT
CS
PGND
SGND
CNTL
COMP
4.7µF
0.1µF
1µF
L
15µH
BAT54HT1
VIN
25
16
3
7
4
8
VCTRL
5
5
5
3 LEGS OF 2 LEDs IN A SERIES
95
90
80
75
70
15
35
55
75
IO (mA)
L=SUMIDA CMD13D13-15µH
VIN=4.2V
VIN=2.7V
85
95
LX
VIN
VOUT
CS
PGND
SGND
CNTL
COMP
4.7µF
0.1µF
1µF
L
15µH
BAT54HT1
VIN
25
16
3
7
4
8
VCTRL
5
5
5
3 LEGS OF 3 LEDs IN A SERIES
95
90
80
75
70
15
35
55
75
IO (mA)
L=SUMIDA CMD13D13-15µH
VIN=4.2V
VIN=2.7V
85
95
EL7513


Similar Part No. - EL7513IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7513IY-T7 INTERSIL-EL7513IY-T7 Datasheet
534Kb / 12P
   White LED Step-Up Regulator
logo
Renesas Technology Corp
EL7513IY-T7 RENESAS-EL7513IY-T7 Datasheet
642Kb / 12P
   White LED Step-Up Regulator
More results

Similar Description - EL7513IY-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL1848 RENESAS-EL1848 Datasheet
693Kb / 12P
   White LED Step-Up Regulator
EL7513 RENESAS-EL7513 Datasheet
642Kb / 12P
   White LED Step-Up Regulator
logo
Intersil Corporation
EL7513 INTERSIL-EL7513_06 Datasheet
534Kb / 12P
   White LED Step-Up Regulator
EL1848 INTERSIL-EL1848 Datasheet
482Kb / 12P
   White LED Step-Up Regulator
logo
List of Unclassifed Man...
EC4513 ETC2-EC4513 Datasheet
214Kb / 7P
   White LED Step-Up Regulator
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com